Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5287 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME5287
Description  Rectified Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5287 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME5287 Datasheet HTML 2Page - Analog Microelectronics AME5287 Datasheet HTML 3Page - Analog Microelectronics AME5287 Datasheet HTML 4Page - Analog Microelectronics AME5287 Datasheet HTML 5Page - Analog Microelectronics AME5287 Datasheet HTML 6Page - Analog Microelectronics AME5287 Datasheet HTML 7Page - Analog Microelectronics AME5287 Datasheet HTML 8Page - Analog Microelectronics AME5287 Datasheet HTML 9Page - Analog Microelectronics AME5287 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AME
6
3A, 300KHz ~ 2MHz Synchronous
Rectified Step-Down Converter
AME5287
Rev. A.01
n Electrical Specifications
V
IN=5V, TA=25
oC, unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Input Voltage
V
IN
3
5.5
V
Input UVLO
V
UVLO
2.3
V
Quiescent Current
IQ
VEN=5V, VFB=0.7V
(No Switching)
600
µA
Shutdown Current
ISHDN
VEN=0V
1
µA
Feedback Voltage
V
FB
0.784
0.8
0.816
V
Feedback Current
I
FB
-50
50
nA
Load Regulation
REGLOAD
0A<IOUT<2A
0.25
%
Line Regulation
REGLINE
2.7V<VIN<5.5V
0.25
%/V
EN Voltage High
1.4
V
EN Voltage Low
0.4
V
EN Leakage Current
IENLK
VEN=3V
0.1
1
µA
RFREQ=NC
240
300
360
KHz
RFREQ=120KΩ
480
600
720
KHz
RFREQ=47KΩ
0.8
1
1.2
MHz
RFREQ=18KΩ
1.6
2
MHz
High-side Switch Current Limit
3.7
A
Error Amp Transconductance
G
EA
400
µA/V
Switch Leakage Current
ISWLK
VSW=0V, VEN=0V
0.1
20
µA
High-side Switch On Resistance
RDSON,HI
130
m
Low-side Switch On Resistance
R
DSON,LO
90
mΩ
OTP
Rising
160
oC
OTH
Hysteresis
20
oC
V
EN
Switching Frequency
FSW
Thermal Shutdown Protection


Similar Part No. - AME5287

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
More results

Similar Description - AME5287

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5283 AME-AME5283 Datasheet
491Kb / 20P
   Rectified Step-Down Converter
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com