Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7011 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX7011
Description  Embedded audio-band modem
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7011 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX7011 Datasheet HTML 1Page - CML Microcircuits CMX7011 Datasheet HTML 2Page - CML Microcircuits CMX7011 Datasheet HTML 3Page - CML Microcircuits CMX7011 Datasheet HTML 4Page - CML Microcircuits CMX7011 Datasheet HTML 5Page - CML Microcircuits CMX7011 Datasheet HTML 6Page - CML Microcircuits CMX7011 Datasheet HTML 7Page - CML Microcircuits CMX7011 Datasheet HTML 8Page - CML Microcircuits CMX7011 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CMX7011
Digital Voice
Processor
 2013 CML Microsystems Plc
D/7011_FI1.x/6 April 2013
DATASHEET
Provisional Issue
7011FI-1.x: Digital Voice Encryption for Analogue Radio Systems
Features
Applications
Digital voice security on analogue PMR channels
(12.5kHz/25kHz)
Real-time voice security
Simple interfacing, via audio connections, to existing
PMR radio
Voice encryption on analogue PMR radios
Ultimate in high-level analogue radio security
Embedded RALCWI Vocoder (supplied under licence
and royalty free)
Embedded audio-band modem
Built in robust over-air data protocol with good tolerance
to bit errors
Ultimate in high-level analogue radio security
Secure wireless door access and gate
entry systems
Providing the digital advantage on
analogue radio systems
A Plug and Play device (the CMX188) can
be made available for high quantity
applications
Real-time digital voice encryption with
user-programmable 16-bit encryption keys
External voice data routing option
Programmable instant voice capture – eliminating ‘PTT’ clipping
Voice storage and retrieval with ‘step back’ feature
 Packet data with user-programmable packet data size
Flexible 256 address programming
Late entry operation, provides optimum
performance in fading conditions
Small 48-pin LQFP/VQFN package options
CMX7011 Digital Voice Processor
Digital
Gain
Control
Audio
Codec
Vocoder
Audio-band
Data Modem
Packet Data Coding
Real-time Encryption
Digital
Filters
Optional
Serial Flash
Microcontroller
Registers and Control Interface
Power
Audio Signal
Input
Audio Signal
Output
Air Interface
Voice Data Coding
Voice Storage/Retrieval


Similar Part No. - CMX7011

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
CMX7032 CMLMICRO-CMX7032 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7042 CMLMICRO-CMX7042 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7045 CMLMICRO-CMX7045 Datasheet
1Mb / 36P
   AIS SART Formatted Data
More results

Similar Description - CMX7011

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
List of Unclassifed Man...
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
logo
ON Semiconductor
MC68194 ONSEMI-MC68194 Datasheet
361Kb / 24P
   Carrier Band Modem(CBM)
February, 2000 ??Rev. 6
logo
Agere Systems
OCM-22 AGERE-OCM-22 Datasheet
184Kb / 4P
   One-Chip Modem for Embedded Applications
logo
List of Unclassifed Man...
XE5690SM ETC1-XE5690SM Datasheet
70Kb / 16P
   Compact, Low-Cost Global Embedded Modem
logo
Compex Systems Pte. Lte...
WPQ873 COMPEX-WPQ873 Datasheet
1Mb / 10P
   Embedded Board Supporting 5G Cellular Modem
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com