Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7031 Datasheet(PDF) 1 Page - CML Microcircuits

Part # CMX7031
Description  Full Audio-band Processing
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7031 Datasheet(HTML) 1 Page - CML Microcircuits

  CMX7031 Datasheet HTML 1Page - CML Microcircuits CMX7031 Datasheet HTML 2Page - CML Microcircuits CMX7031 Datasheet HTML 3Page - CML Microcircuits CMX7031 Datasheet HTML 4Page - CML Microcircuits CMX7031 Datasheet HTML 5Page - CML Microcircuits CMX7031 Datasheet HTML 6Page - CML Microcircuits CMX7031 Datasheet HTML 7Page - CML Microcircuits CMX7031 Datasheet HTML 8Page - CML Microcircuits CMX7031 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
CMX7031/CMX7041
The Two-Way Radio
Processor
 2013 CML Microsystems Plc
D/7031/41_FI1.x/13 July 2013
DATASHEET
Provisional Issue
7031/7041 FI-1.5: Baseband Audio and Data Processor with Auxiliary System
Clocks, ADCs and DACs for use in Analogue Radio Systems
Features
 Concurrent Audio/Signalling/Data Operations  Selectable Audio Processing Order
 Full Audio-band Processing:
Pre and De-emphasis, Compandor,
Scrambler and Selectable 2.55/3.0 kHz Filters
 MSK/FFSK Data Modem with Packet or Free-
format Modes with FEC, CRC, Interleaving and
Scrambling
 2 x RF Synthesisers (CMX7031 only)
 Inband Signalling: Selcall, DTMF, NOAA NWR
 3 x Analogue Inputs (Mic or Discriminator)
 Enhanced DSC Modem for Marine
Applications, offering support for DSC
expansion sequences and transmission of
continuous distress signals
 2 x Auxiliary ADCs and 4 x Auxiliary DACs
 Sub-Audio Signalling: CTCSS, DCS, XTCSS
 C-BUS Serial Interface to Host µController
 Low-power (3.0V to 3.6V) Operation
 Tx Outputs for Single, Two-Point or I/Q Mod.
 559bps PSK Modulator
 Available in 64-pin, 48-pin LQFP and VQFN
Packages
 2 x Auxiliary System Clock Outputs
 Flexible Powersave Modes
CMX7031 / CMX7041
The Two-Way Radio Processor
Modulator
RF
Discriminator
Host
µC
System Clock 1
System Clock 2
Reference Clock
DAC outputs
ADC inputs
3.0V to 3.6V
Built on FirmASIC® technology
GPIO
RF Synthesiser 1
RF Synthesiser 2
CMX7031 only
C-BUS
Datasheet
User
Manual
This document contains:
1.
Brief Description
The CMX7031/CMX7041 FI 1.5 is a full-function, half-duplex, audio, signalling and data processor IC. This
makes it a suitable device for both the leisure radio markets (FRS, MURS, PMR446 and GMRS) and for
professional radio products (PMR/LMR, Marine and Trunking) with or without signalling and data facilities.
The device utilises CML’s proprietary FirmASIC component technology. On-chip sub-systems are
configured by a Function Image
™: this is a data file that is uploaded during device initialisation and defines
the device’s function and feature set. The Function Image™ can be loaded automatically from an external
EEPROM or from a host µController over the built-in C-
BUS serial interface. The device’s functions and
features can be enhanced by subsequent Function Image
™ releases, facilitating in-the-field upgrades.
This document refers specifically to the features provided by Function Image
™ 1.5.
Continued…


Similar Part No. - CMX7031

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7032 CMLMICRO-CMX7032 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
More results

Similar Description - CMX7031

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
DB118 CMLMICRO-DB118 Datasheet
368Kb / 7P
   Full-Duplex Audio Processing
logo
Shenzhenshi YONGFUKANG ...
CSC37534 YONGFUKANG-CSC37534 Datasheet
505Kb / 19P
   3-band audio signal processing circuit
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
   Audio Processing
ATSAM2195 ATMEL-ATSAM2195 Datasheet
1Mb / 19P
   Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
   Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
   Audio Processing
logo
C&K Components
PTS645VSMT CK-COMPONENTS-PTS645VSMT Datasheet
213Kb / 2P
   Full SMT processing
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
   TV AUDIO PROCESSING CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com