Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7241 Datasheet(PDF) 2 Page - CML Microcircuits

Part # CMX7241
Description  Voice processing
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7241 Datasheet(HTML) 2 Page - CML Microcircuits

  CMX7241 Datasheet HTML 1Page - CML Microcircuits CMX7241 Datasheet HTML 2Page - CML Microcircuits CMX7241 Datasheet HTML 3Page - CML Microcircuits CMX7241 Datasheet HTML 4Page - CML Microcircuits CMX7241 Datasheet HTML 5Page - CML Microcircuits CMX7241 Datasheet HTML 6Page - CML Microcircuits CMX7241 Datasheet HTML 7Page - CML Microcircuits CMX7241 Datasheet HTML 8Page - CML Microcircuits CMX7241 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 94 page
background image
PMR Common Platform Processor
CMX7241/CMX7341
 2015 CML Microsystems Plc
Page 2
D/7241_7341_FI1.x/4
1
Brief Description
The 7241/7341FI-1.x Function
Image™ (FI) implements a half-duplex 4FSK modem and a large
proportion of the dPMR
TM Air Interface (physical) layer and Data Link layer. In addition, the device also
supports Analogue FM voice modes with flexible signalling options. In conjunction with a suitable host and
an RF transceiver, a compact, low-cost, low-power digital PMR radio conforming to
ETSI’s dPMR
TM
standard TS 102 658 and Analogue EN 300 086 / TIA 603D can be realised. The device analyses
incoming traffic, detects the modulation type and switches to the associated operating mode. This ensures
that dual mode, analogue/digital PMR/ dPMR
TM operation can be achieved on a single radio platform
without the need to re-configure hardware or software by loading alternative FIs.
The CMX7241 and CMX7341 when loaded with the FI are identical in functionality; the only difference
between the two devices is in the input stage: the CMX7241 has single-ended inputs and the CMX7341 is
a differential input version.
The embedded functionality of the 7241/7341FI-1.x, managing voice and data systems autonomously,
including CMX6x8 RALCWI Vocoder or CMX7262 TWELP Vocoder control (via the Auxiliary SPI/C-BUS
interface), minimises host microcontroller interactions enabling the lowest operating power and therefore
the longest battery life for a dPMR
TM radio. The CMX7241/7341 can also provide audio codec functionality
for vocoders under direct host control.
The in-built signalling options allow the device to be implemented into legacy Analogue FM systems
making use of CTCSS / DCS sub-audio signalling, Selcall / DTMF signalling or 1200/2400 bps FFSK
trunked systems using MPT1327 or custom protocols.
Both digital and analogue functionality can be active at the same time, allowing the host to auto-detect the
type of signalling on the channel.
The device allows the designer to choose between a conventional limiter/discriminator receiver
architecture or an I/Q-based direct conversion architecture utilising the built-in support for the CMX994
Direct Conversion Receiver.
The device utilises CML’s proprietary FirmASIC
component technology. On-chip sub-systems are
configured by a Function
Image™: This is a data file that is uploaded during device initialisation and
defines the device's function and feature set. The Function
Image™ can be loaded automatically from an
external serial memory or host microcontroller over the built-in C-BUS serial interface. The device's
functions and features may be enhanced by future Function
Image™ releases, facilitating in-the-field
upgrades. This document refers specifically to the features provided by Function Image
™ 7241/7341FI-
1.1.x.x
Other features include two auxiliary ADCs with four selectable inputs and four auxiliary DAC interfaces
(with an optional RAMDAC on the first DAC output, to facilitate transmitter power ramping).
The device has flexible powersaving modes and is available in the following packages: CMX7241 (VQFN
and LQFP), CMX7341 (VQFN only).
Note that text shown in pale grey indicates features that will be supported in future versions of the
Function
Image™.
This datasheet is the first part of a two-part document comprising datasheet and user manual: the
datasheet/user manual combination can be obtained by registering your interest in this product with your
local CML representative.


Similar Part No. - CMX7241

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
CMX7262 CMLMICRO-CMX7262 Datasheet
2Mb / 52P
   Half-duplex operation
More results

Similar Description - CMX7241

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
   Voice Processing Controllers
Z89175 ZILOG-Z89175 Datasheet
446Kb / 68P
   Voice Processing Controllers
logo
Asahi Kasei Microsystem...
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719 AKM-AK7719 Datasheet
335Kb / 16P
   Low Power DSP for Voice and Audio Processing
logo
Sanyo Semicon Device
LA8519M SANYO-LA8519M Datasheet
317Kb / 29P
   I/O Switch/Voice Signal-Processing IC for Cordless Telephones
logo
Advantech Co., Ltd.
DSP-8901 ADVANTECH-DSP-8901_14 Datasheet
1,018Kb / 2P
   AdvancedTCA DSP Blade Provides Industrys Most Powerful DSP Farm for Voice and Video Processing
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
   Audio Processing
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
logo
Holtek Semiconductor In...
HT8970 HOLTEK-HT8970 Datasheet
100Kb / 9P
   Voice Echo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com