Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX7262 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX7262
Description  Half-duplex operation
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7262 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX7262 Datasheet HTML 1Page - CML Microcircuits CMX7262 Datasheet HTML 2Page - CML Microcircuits CMX7262 Datasheet HTML 3Page - CML Microcircuits CMX7262 Datasheet HTML 4Page - CML Microcircuits CMX7262 Datasheet HTML 5Page - CML Microcircuits CMX7262 Datasheet HTML 6Page - CML Microcircuits CMX7262 Datasheet HTML 7Page - CML Microcircuits CMX7262 Datasheet HTML 8Page - CML Microcircuits CMX7262 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
TWELP Vocoder
CMX7262
 2013 CML Microsystems Plc
Page 5
D/7262_FI-1.x/4
History
Version
Changes
Date
4
Initial Encoder Delay added:
Section 6.14: (register summary table) updated
Section 8.1: (register details) updated
Section 8.1.13: register description (Initial Encoder Delay $59) added
Section 9.2: Function Images updated
Miscellaneous typographical and editorial changes
30/08/2013
3
Decoder Noise Gate added:
Section 2.1: (block diagram) updated
Section 6.11: (Noise Gate) added
Section 6.14: (register summary table) updated
Section 8.1: (register details) updated
Section 8.1.16: new register description (Noise Gate Configuration $5E)
Section 9.2: Function Images updated
17/04/2013
2
Test Mode added:
 Section 6.13 (register summary table) updated
 Section 8.1 (register details) updated
 Section 8.1.9, new register description (Frequency Control $52) added
 Section 8.1.19 (description for VCTRL register) updated to include Test
Mode
 Section 9.2, Function Images updated
Miscellaneous typographical and editorial changes
Added advice about connection to the exposed metal pad in Q1 package.
06/09/2012
1
 First approved version
26/07/2012


Similar Part No. - CMX7262

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
More results

Similar Description - CMX7262

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7261 CMLMICRO-CMX7261 Datasheet
2Mb / 64P
   Full-duplex operation
logo
Mitel Networks Corporat...
1A212 MITEL-1A212 Datasheet
198Kb / 10P
   High-Performance DUPLEX(Half-Duplex Communication)
1A353 MITEL-1A353 Datasheet
195Kb / 10P
   High-Performance Duplex(Half-Duplex Communication)
logo
Maxim Integrated Produc...
78Q2123 MAXIM-78Q2123 Datasheet
351Kb / 37P
   Full duplex operation capable
Rev. 2.0
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
CML Microcircuits
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
Shanghai Leiditech Elec...
LM485EPA LEIDITECH-LM485EPA Datasheet
4Mb / 10P
   5V power supply, half duplex
LM3485SA LEIDITECH-LM3485SA Datasheet
7Mb / 6P
   3.3V power supply, half duplex
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com