Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX919B Datasheet(PDF) 6 Page - CML Microcircuits

Part # FX919B
Description  Excellent Radio Fading Performance
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX919B Datasheet(HTML) 6 Page - CML Microcircuits

Back Button FX919B Datasheet HTML 2Page - CML Microcircuits FX919B Datasheet HTML 3Page - CML Microcircuits FX919B Datasheet HTML 4Page - CML Microcircuits FX919B Datasheet HTML 5Page - CML Microcircuits FX919B Datasheet HTML 6Page - CML Microcircuits FX919B Datasheet HTML 7Page - CML Microcircuits FX919B Datasheet HTML 8Page - CML Microcircuits FX919B Datasheet HTML 9Page - CML Microcircuits FX919B Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
4-Level FSK Modem Data Pump
FX919B
© 1997 Consumer Microcircuits Limited
6
D/919B/1
1.4
External Components
Figure 2 Recommended External Components
R1
See Section 1.5.1
C1
0.1 µF
± 20%
C5
± 5%, see Note 3
R2
100k ohm
± 5%
C2
0.1 µF
± 20%
C6
± 20%, see Note 2
R3
1M ohm
± 20%
C3
± 20%, see Note 1
C7
± 20%, see Note 2
R4
100k ohm
± 5%
C4
± 20%, see Note 1
C8
± 5%, see Note 3
X1
See Section 1.5.5.3
Note 1: The values used for C3 and C4 should be suitable for the frequency of the crystal X1.
As a guide, values (including stray capacitances) of 33pF at 1MHz falling to 18pF at 10MHz will
generally prove suitable. The 'Phase-Locked Loop Modes' part of section 1.5.5.3 discusses crystal
frequency tolerances.
Note 2: C6 and C7 values (in nano Farads) should be equal to 50000
÷ symbol rate, e.g.
Symbol Rate
C6 and C7 (nF)
2400 symbols/second
22.0
4800 symbols/second
10.0
9600 symbols/second
4.7
Note 3: C5 and C8 values (in pico Farads) should be equal to 750000
÷ symbol rate, e.g.
Symbol Rate
C5 and C8 (pF)
2400 symbols/second
330
4800 symbols/second
150
9600 symbols/second
82


Similar Part No. - FX919B

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX919A CMLMICRO-FX919A Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD2 CMLMICRO-FX919AD2 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AD5 CMLMICRO-FX919AD5 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
FX919AP4 CMLMICRO-FX919AP4 Datasheet
1Mb / 44P
   4-Level FSK Modem Data Pump
More results

Similar Description - FX919B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-RA ETC2-ANT-868-PW-RA Datasheet
170Kb / 1P
   Excellent performance
logo
SYNERGY MICROWAVE CORPO...
SMQ-C52 SYNERGY-SMQ-C52 Datasheet
463Kb / 4P
   Excellent Performance
logo
STMicroelectronics
STL19N65M5 STMICROELECTRONICS-STL19N65M5 Datasheet
1Mb / 17P
   Excellent switching performance
July 2013 Rev 1
logo
List of Unclassifed Man...
XT0013 ETC2-XT0013 Datasheet
168Kb / 2P
   Excellent THD performance
logo
STMicroelectronics
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
logo
Surge Components
TG SURGE-TG Datasheet
690Kb / 2P
   excellent temperature performance
logo
STMicroelectronics
STW78N65M5 STMICROELECTRONICS-STW78N65M5 Datasheet
959Kb / 14P
   Excellent switching performance
August 2013 Rev 4
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
   Excellent switching performance
November 2012 Rev 1
logo
List of Unclassifed Man...
GP-3004SF ETC2-GP-3004SF Datasheet
444Kb / 2P
   Excellent thermal performance
logo
STMicroelectronics
STB46N30M5 STMICROELECTRONICS-STB46N30M5 Datasheet
1Mb / 17P
   Excellent switching performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com