Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM7662SC Datasheet(PDF) 3 Page - International Rectifier

Part # OM7662SC
Description  Isolated Hermetic Package. JEDEC TO-258AA Outline
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7662SC Datasheet(HTML) 3 Page - International Rectifier

  OM7662SC_15 Datasheet HTML 1Page - International Rectifier OM7662SC_15 Datasheet HTML 2Page - International Rectifier OM7662SC_15 Datasheet HTML 3Page - International Rectifier OM7662SC_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 211
3.3
OM7662SC - OM7664SC
ELECTRICAL CHARACTERISTICS: 15 VOLT OUTPUT (OM7664SC)
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOUT
TJ = 25°C, VIN = 23 V, IO = 10 mA
14.70
15.00
15.3
V
18 V VIN 35 V, 10 mA IO 3 A; P 25 W
14.41
15.00
15.60
Line Regulation (Note 1)
18 V VIN 35 V
-
.03
.06
%/V
Load Regulation
10 mA IO 3.0 A
-
75
165
mV
Thermal Regulation
TA = 25°C, 20 mS Pulse
--
.005
.013
%/W
Ripple Rejection
f = 120 Hz; VOUT = 15 V
65
dB
Miminum Load
--
10
mA
Current Limit
VIN = 23 V, TJ = 25°C
3
4.5
-
A
Temperature Stability
-
1.0
2.0
%
RMS Output Noise
TA = 25°C, 10 Hz f 10 kHz
-
.001
-
%
Note 1: Regulation is measured at a constant TJ. Changes in output due to heating must be taken into account separately.
Pulse testing with low duty cycle is used.
Current Limit
Dropout Voltage
Ripple Rejection
6
4
2
0
0
5 10 15 20 25 30 35
Input-Output Differential (V)
T
J = -55°C
T
J = 150°C
T
J = 25°C
3
2.5
2
1.5
1
0.5
-75
-25
25
75
125
Temperature (°C)
∆V
OUT = 100 mV
I
OUT = 3 A
I
OUT = 2 A
I
OUT = 20 mA
100
80
60
40
20
0
10
100
1k
10k 100k
Frequency (Hz)
V
IN - V = 8VDC +35VRMS
I
OUT = 1A, TJ = 25°C


Similar Part No. - OM7662SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM7662SCOM7664SC ETC2-OM7662SCOM7664SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
More results

Similar Description - OM7662SC_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6005SC ETC2-OM6005SC Datasheet
50Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-258AA PACKAGE
OM6025SC ETC2-OM6025SC Datasheet
40Kb / 4P
   POWER MOSFETS IN HERMETIC ISOLATED JEDEC TO-258AA SIZE 6 DIE
OM7608SC ETC2-OM7608SC Datasheet
32Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED VOLTAGE REGULATORS
OM5204SC ETC1-OM5204SC Datasheet
35Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, CENTER-TAP RECTIFIER
OM6101ST ETC2-OM6101ST Datasheet
49Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO 257AA PACKAGE
OM6001ST ETC-OM6001ST Datasheet
41Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC TO-257AA PACKAGE
OM1N100SA ETC2-OM1N100SA Datasheet
44Kb / 4P
   POWER MOSFET IN HERMETIC ISOLATED JEDEC PACKAGE
OM7662SC ETC2-OM7662SC Datasheet
40Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM7662 ETC-OM7662 Datasheet
33Kb / 4P
   ISOLATED HERMETIC TO-258AA FIXED POSITIVE VOLTAGE REGULATORS
OM5328SC ETC1-OM5328SC Datasheet
20Kb / 2P
   HERMETIC JEDEC TO-258AA HIGH EFFICIENCY, SOFT RECOVERY CENTER-TAP RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com