Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA7524 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UA7524
Description  POWER FACTOR CORRECTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA7524 Datasheet(HTML) 1 Page - Unisonic Technologies

  UA7524_15 Datasheet HTML 1Page - Unisonic Technologies UA7524_15 Datasheet HTML 2Page - Unisonic Technologies UA7524_15 Datasheet HTML 3Page - Unisonic Technologies UA7524_15 Datasheet HTML 4Page - Unisonic Technologies UA7524_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UA7524
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R114-002.Ea
POWER FACTOR
CONTROLLER
DESCRIPTION
The UTC UA7524 provides the necessary features to
implement the Electronic BALLAST control and S.M.P.S
application for designing active power factor correction circuit
FEATURES
* Internal self-starting
* Micro power start up mode
* Included under voltage lockout circuit
* Internal 2% reference
* High output current: peak 500mA
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UA7524L-D08-T
UA7524G-D08-T
DIP-8
Tube
UA7524L-S08-R
UA7524G-S08-R
SOP-8
Tape Reel
UA7524L-S08-T
UA7524G-S08-T
SOP-8
Tube


Similar Part No. - UA7524_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UA7524G-D08-T UTC-UA7524G-D08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524G-S08-R UTC-UA7524G-S08-R Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524G-S08-T UTC-UA7524G-S08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524L-D08-T UTC-UA7524L-D08-T Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
UA7524L-S08-R UTC-UA7524L-S08-R Datasheet
204Kb / 5P
   POWER FACTOR CONTROLLER
More results

Similar Description - UA7524_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L6560 STMICROELECTRONICS-L6560 Datasheet
123Kb / 11P
   POWER FACTOR CORRECTOR
June 2000
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
   POWER FACTOR CORRECTOR
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
   POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
   POWER FACTOR CORRECTOR
September 1998
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
E-L6561D013TR STMICROELECTRONICS-E-L6561D013TR Datasheet
180Kb / 13P
   POWER FACTOR CORRECTOR
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
   POWER FACTOR CORRECTOR
logo
Unisonic Technologies
8561 UTC-8561 Datasheet
162Kb / 6P
   POWER FACTOR CORRECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com