Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-315-PW-LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-315-PW-LP
Description  Omni-directional pattern
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-315-PW-LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-315-PW-LP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Very low cost
• Compact housing
• Excellent performance
• Omni-directional pattern
• Weather-resistant
• Screw-mount
• Use with plastic* or metal enclosures
ANT-315-PW-LP DATA SHEET
* Requires proximity ground plane
• Center Freq. 315MHz
• Bandwidth
6MHz
• Wavelength
1/4-wave
• VSWR
<1.9 typ. at center
• Impedance
50 ohms
• Connection
Screw-mount
Electrical specifications and plots measured on 1.5” x 3.3” reference ground plane
Ordering Information
• ANT-315-PW-LP
1.99”
(50.5)
1.32”
(33.5)
0.07”
(1.7)
0.67”
(17.0)
0.12”
(3.1)
0.41”
(10.4)
0.31”
(8.0)
0.15”
(3.7)
0.09”
(2.3)
0.06”
(1.5)
0.21”
(5.3)
0.13”
(3.2)
0.31”
(8.0)
0.24”
(6.0)
6/32
UNC
0.37”
(9.5)
Features
Product Dimensions
Description
Electrical Specifications
Typical VSWR
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
LP Series antennas utilize a helical element, which
greatly reduces the antenna’s size while allowing
favorable performance characteristics. These compact
antennas are cosmetically attractive and inexpensive,
making them ideal for volume applications. The LP
Series mounts directly with a single screw, eliminating
the expense of a connector while meeting FCC Part
15 requirements.
Rev 07-22-08
VSWR Graph
0.26”
(6.6)
0.35”
(8.89)
0.215”
(5.46)
0.130”
(3.30)
Ø0.150”
(3.88)
Recommended Footprint
CENTER 315.000MHz
SPAN 200.000MHz
S11 SWR
1.587


Similar Part No. - ANT-315-PW-LP

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-315-PW-RA LINX-ANT-315-PW-RA Datasheet
374Kb / 2P
   The RA Series offers maximum mounting and orientation flexibility in a cost-effective reduced-height package.
12/9/13
More results

Similar Description - ANT-315-PW-LP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-868-PW-QW ETC2-ANT-868-PW-QW Datasheet
142Kb / 1P
   Omni-directional pattern
ANT-418-PW-LP ETC2-ANT-418-PW-LP Datasheet
173Kb / 1P
   Omni-directional pattern
ANT-433-PW-LP ETC2-ANT-433-PW-LP Datasheet
173Kb / 1P
   Omni-directional pattern
ANT-433-PW-RA ETC2-ANT-433-PW-RA Datasheet
170Kb / 1P
   Omni-directional pattern
logo
Linx Technologies
ANT-2.4-LCW LINX-ANT-2.4-LCW Datasheet
1Mb / 11P
   Omni-directional pattern
10/18/2018
ANT-315-CW-RCS LINX-ANT-315-CW-RCS Datasheet
367Kb / 2P
   Omni-directional pattern
12/9/13
logo
List of Unclassifed Man...
ANT-916-PW-LP ETC2-ANT-916-PW-LP Datasheet
196Kb / 1P
   Omni-directional pattern
ANT-916-PW-QW ETC2-ANT-916-PW-QW Datasheet
142Kb / 1P
   Omni-directional pattern
ANT-DB1-RMT-RPS ETC2-ANT-DB1-RMT-RPS Datasheet
173Kb / 1P
   Omni-directional pattern
logo
Linx Technologies
ANT-2.4-PW-LP LINX-ANT-2.4-PW-LP Datasheet
402Kb / 2P
   Omni-directional pattern
12/4/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com