Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2800 Datasheet(PDF) 1 Page - International Rectifier

Part # S2800
Description  28V Input, Single/Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2800 Datasheet(HTML) 1 Page - International Rectifier

  S2800_15 Datasheet HTML 1Page - International Rectifier S2800_15 Datasheet HTML 2Page - International Rectifier S2800_15 Datasheet HTML 3Page - International Rectifier S2800_15 Datasheet HTML 4Page - International Rectifier S2800_15 Datasheet HTML 5Page - International Rectifier S2800_15 Datasheet HTML 6Page - International Rectifier S2800_15 Datasheet HTML 7Page - International Rectifier S2800_15 Datasheet HTML 8Page - International Rectifier S2800_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
04/17/13
www.irf.com
1
HYBRID-HIGH RELIABILITY
RADIATION HARDENED
LOW POWER
DC-DC CONVERTER
S-SERIES
Description
n Total Dose >100K Rad(Si)
n SEE Hardened to LET up to 82 MeV.cm2/mg
n Low Weight < 50 grams
n Magnetically Coupled Feedback
n 18V to 40V DC Input Range
n Up to 10W Output Power
n Single and Dual Output Models Include
3.3, 5, 7,12,15,
±5, ±12 and ±15V
n High Efficiency - to 82%
n -55°C to +125°C Operating Temperature Range
n 100M@ 500VDC Isolation
n Under-Voltage Protection
n Short Circuit and Overload Protection
n Output Over Voltage Limiter
n External Inhibit
n Standard Microcircuit Drawings Available
Features
28V Input, Single/Dual Outpu
t
Applications
Non-flight versions of the S-Series converters are
available for system development purposes. Variations
inelectrical specifications and screening to meet custom
requirements can be accommodated.
The converters incorporate a fixed frequency single
ended forward topology with magnetic feedback and
an internal EMI filter utilizing large multilayer ceramic
capacitors processed per MIL-PRF-49470 for improved
reliability. All models include an external inhibit port .
They are encased in a hermetic 1.71” x 1.31” x 0.45”
steel package and weigh less than 50 grams. The
package utilizes rugged ceramic feed-through copper
core pins and is hermetically sealed using parallel seam
welding.
n Geostationary or Low Earth Orbit Satellites
n
Launch Vehicles
n Communication Systems
The S-Series of DC-DC converters are low power
radiation hardened, high reliability devices designed
for hostile radiation environments such as those
encountered by geostationary earth orbit satellites, deep
space probes and communication systems. Features
include small size, high efficiency, low weight and a
high tolerance to total ionizing dose, single event effects,
and environmental stresses such as temperature
extremes, mechanical shock, and vibration. Extensive
documentation including Radiation Susceptibility,
Thermal Analysis, Stress Analysis and MTBF are
available.
Manufactured in a facility fully qualified to MIL-PRF-
38534, these converters are fabricated utilizing DLA
Land and Maritime qualified processes. For available
screening options, refer to device screening table in the
data sheet.
S
PD-94584K


Similar Part No. - S2800_15

ManufacturerPart #DatasheetDescription
logo
GE Solid State
S2800A GESS-S2800A Datasheet
191Kb / 4P
   10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800A DIGITRON-S2800A Datasheet
162Kb / 3P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
S2800A NJSEMI-S2800A Datasheet
90Kb / 2P
   Silicon Controlled Rectifiers
logo
GE Solid State
S2800B GESS-S2800B Datasheet
191Kb / 4P
   10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800B DIGITRON-S2800B Datasheet
162Kb / 3P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - S2800_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
M3H IRF-M3H_15 Datasheet
157Kb / 11P
   28V Input, Single/Dual Output
AHF28XX IRF-AHF28XX Datasheet
148Kb / 17P
   28V Input, Single and Dual Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com