Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2291 Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHR2291
Description  12-17GHz Integrated Down Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2291 Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHR2291_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2291_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2291_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2291_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2291_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2291_15 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CHR2291
12-17GHz Integrated Down Converter
Ref. : : DSCHR22911192 - 11 Jul 11
2/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Electrical Characteristics for Broadband Operation
Tamb = +25°C, Vd = 3.5V ,Idl=50mA, Idm=50mA
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF frequency range
12
17
GHz
FLO
LO frequency range
5.25
7.75
GHz
FIF
IF frequency range
DC
1.5
GHz
Gc
Conversion gain (1)
+10
dB
NF
Noise Figure, for IF>0.1GHz (1)
3.5
dB
PLO
LO Input power
+10
dBm
Img Sup
Image Suppression
15
dBc
P1dB
Input power at 1dB gain compression
-8
dBm
LO VSWR Input LO VSWR (1)
2.0:1
RF VSWR Input RF VSWR (1)
2.0:1
Id
Bias current (2)
100
mA
(1) On Wafer measurements
(2) Current source biasing network is recommended. Optimum performances for Idm= 50mA
and Idl= 50mA
Absolute Maximum Ratings
Tamb. = 25°C (1)
Symbol
Parameter
Values
Unit
Vd
Maximum drain bias voltage
4.0
V
Id
Maximum drain bias current
180
mA
Vg
Gate bias voltage
-2.0 to +0.4
V
Vdg
Maximum drain to gate voltage ( Vd– Vg)
+5
V
Pin
Maximum peak input power overdrive (2)
+15
dBm
Tch
Maximum channel temperature
175
°C
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +125
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.


Similar Part No. - CHR2291_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
   12-17GHz Integrated Down Converter
More results

Similar Description - CHR2291_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2291 UMS-CHR2291_04 Datasheet
89Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
   12-17GHz Integrated Down Converter
CHR3763-QDG UMS-CHR3763-QDG Datasheet
861Kb / 16P
   12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391 Datasheet
168Kb / 6P
   12-16GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR2296 UMS-CHR2296 Datasheet
119Kb / 5P
   36- 40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com