Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2299-99F Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHR2299-99F
Description  40-44GHz Down converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2299-99F Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHR2299-99F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 9Page - United Monolithic Semiconductors CHR2299-99F_15 Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CHR2299-99F
40-44GHz Down converter
Ref. : DSCHR22992012 - 19 Jan 12
6/12
Specifications subject to change without notice
Bat. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical chip on board Measurements
IMD3 versus RF frequency & Input power
Infradyne: IF = 2GHz
Supradyne: IF = 2GHz
20
30
40
50
60
70
80
90
100
-40
-35
-30
-25
-20
Input power 2tones (dBm)
38.5 GHz
40.5 GHz
42.5 GHz
44.5 GHz
20
30
40
50
60
70
80
90
100
-40
-35
-30
-25
-20
Input power 2tones (dBm)
40.5 GHz
42.5 GHz
44.5 GHz
Input IP3 versus Temperature & Input power
Supradyne: RF = 40.5GHz; IF = 2GHz
Supradyne: RF = 40.5GHz; IF = 3.5GHz
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40
-35
-30
-25
-20
Input power 2tones (dBm)
-40 °C
+25 °C
+85 °C
-10
-8
-6
-4
-2
0
2
4
6
8
10
-40
-35
-30
-25
-20
Input power 2tones (dBm)
-40 °C
+25 °C
+85 °C


Similar Part No. - CHR2299-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2299-99F00 UMS-CHR2299-99F00 Datasheet
398Kb / 12P
   40-44GHz Down converter
More results

Similar Description - CHR2299-99F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2299-99F UMS-CHR2299-99F Datasheet
398Kb / 12P
   40-44GHz Down converter
CHU2299-99F UMS-CHU2299-99F_15 Datasheet
387Kb / 12P
   40-44GHz Up converter
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
CHE1270A98F UMS-CHE1270A98F_15 Datasheet
128Kb / 8P
   5-44GHz Detector
logo
Texas Instruments
TPS65320-Q1 TI1-TPS65320-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   40-V Step-Down Converter With Eco-mode
LMR14030-Q1 TI1-LMR14030-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 40 V, 3.5A Step-Down Converter
logo
United Monolithic Semic...
CHE1270-QAG UMS-CHE1270-QAG_15 Datasheet
326Kb / 12P
   5-44GHz Detector
CHE1270A98F UMS-CHE1270A98F Datasheet
209Kb / 8P
   5-44GHz Detector
CHE1270-QAG UMS-CHE1270-QAG_10 Datasheet
314Kb / 12P
   5-44GHz Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com