Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR2421-QEG Datasheet(PDF) 7 Page - United Monolithic Semiconductors

Part # CHR2421-QEG
Description  23.75-24.5GHz Dual Rx Channel
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2421-QEG Datasheet(HTML) 7 Page - United Monolithic Semiconductors

Back Button CHR2421-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHR2421-QEG Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
23.75-24.5GHz Dual Rx Channel
CHR2421-QEG
Ref. : DSCHR2421-QEG2031 - 31 Jan 12
7/10
Specifications subject to change without notice
10 Avenue du Québec, SILIC 521 - 91946 COURTABOEUF Cedex - FRANCE
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Package outline
(1)
Matt tin, Lead Free
(Green)
1-
Gnd
(2)
9-
Gnd
(2)
17-
Gnd
(2)
Units :
mm
2-
RX_2
10-
LO
18-
RX_1
From the standard :
JEDEC
3-
Gnd
(2)
11-
Nc
19-
Gnd
(2)
MO-220
4-
VD_LNA22
12-
VG_BUF1
20-
Nc
(VGGD)
5-
VG_LNA2
13-
VD_BUF1
21-
VD_LNA11
25-
GND
6-
IF_2
14-
IF_1
22-
Nc
7-
VD_BUF2
15-
VG_LNA1
23-
VD_LNA12
8-
VG_BUF2
16-
VD_LNA21
24-
Nc
(1) The package outline drawing included to this data-sheet is given for indication. Refer to
the application note AN0017 (http://www.ums-gaas.com) for exact package dimensions.
(2) It is strongly recommended to ground all pins marked “Gnd” through the PCB board.
Ensure that the PCB board is designed to provide the best possible ground to the package.


Similar Part No. - CHR2421-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG20 UMS-CHR2421-QEG20 Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2421-QEG21 UMS-CHR2421-QEG21 Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
More results

Similar Description - CHR2421-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2421-QEG UMS-CHR2421-QEG Datasheet
711Kb / 10P
   23.75-24.5GHz Dual Rx Channel
CHR2411-QDG UMS-CHR2411-QDG Datasheet
646Kb / 8P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_13 Datasheet
587Kb / 10P
   22-24.5GHz RX Multifunction
CHR2411-QDG UMS-CHR2411-QDG_15 Datasheet
598Kb / 10P
   22-24.5GHz RX Multifunction
CHV2421-QDG UMS-CHV2421-QDG_15 Datasheet
948Kb / 12P
   24-24.5GHz Tx Multifunction
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Maxim Integrated Produc...
DS1877 MAXIM-DS1877 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
Rev 1; 4/10
DS1877 MAXIM-DS1877_V01 Datasheet
2Mb / 65P
   SFP Controller for Dual Rx Interface
19-5188; Rev 1; 4/10
logo
Abracon Corporation
AWCCA-RX350300-101 ABRACON-AWCCA-RX350300-101 Datasheet
434Kb / 3P
   20W RX DUAL MODE WIRELESS CHARGING COIL
09/02/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com