Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3364-QEG Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR3364-QEG
Description  17-24GHz Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3364-QEG Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR3364-QEG_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHR3364-QEG_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
17-24GHz Down Converter
CHR3364-QEG
Ref. : DSCHR3364-QEG1192 - 11 Jul 11
3/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Device thermal performances
All the figures given in this section are obtained assuming that the QFN device is cooled
down only by conduction through the package thermal pad (no convection mode considered).
The temperature is monitored at the package back-side interface (Tcase) as shown below.
The system maximum temperature must be adjusted in order to guarantee that Tcase
remains below than the maximum value specified in the next table. So, the system PCB must
be designed to comply with this requirement.
A derating must be applied on the dissipated power if the Tcase temperature can not be
maintained below than the maximum temperature specified (see the curve Pdiss. Max) in
order to guarantee the nominal device life time (MTTF).
Recommended max. junction temperature (Tj max)
:
124 °C
Junction temperature absolute maximum rating
:
175 °C
Max. continuous dissipated power (Pdiss. Max.)
:
1.3 W
=> Pdiss. Max. derating above Tcase
(1)= 85
°C :
33 mW/°C
Junction-Case thermal resistance (Rth J-C)
(2)
:
<30 °C/W
Minimum Tcase operating temperature
(3)
:
-40 °C
Maximum Tcase operating temperature
(3)
:
85 °C
Minimum storage temperature
:
-55 °C
Maximum storage temperature
:
150 °C
(1) Derating at junctio n temperature co nstant = Tj max.
(2) Rth J-C is calculated fo r a wo rst case co nsidering the ho t t e s t junc t io n
o f the M M IC and all the devices biased.
(3) Tcase=P ackage back side temperature measured under the die-attach-pad (see the drawing belo w).
6.0
DEVICE THERMAL SPECIFICATION : CHR3364-QEG
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
150
Tcase (°C)
Pdiss. Max. @Tj <Tj max (W)
Tcase
Example: QFN 16L 3x3
Location of temeprature
reference point (Tcase)
on package's bottom side


Similar Part No. - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG20 UMS-CHR3362-QEG20 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3362-QEG21 UMS-CHR3362-QEG21 Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
More results

Similar Description - CHR3364-QEG_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_15 Datasheet
475Kb / 18P
   17-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
CHA4253AQQG UMS-CHA4253AQQG_15 Datasheet
659Kb / 14P
   17- 24GHz Medium Power Amplifier
CHR3664-QEG UMS-CHR3664-QEG_15 Datasheet
787Kb / 22P
   17-27GHz Down-Converter
CHR3664-QEG UMS-CHR3664-QEG Datasheet
775Kb / 22P
   17-27GHz Down-Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com