Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3394-QEG Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHR3394-QEG
Description  37-40GHz Integrated Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3394-QEG Datasheet(HTML) 8 Page - United Monolithic Semiconductors

Back Button CHR3394-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 11Page - United Monolithic Semiconductors CHR3394-QEG Datasheet HTML 12Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CHR3394-QEG
37-40GHz Integrated Down Converter
Ref. : DSCHR3394-QEG1192 - 11 Jul 11
8/14
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Typical Board Measurements
Tamb = +25°C, Tcold = -40°C, Thot = +85°C
VD = VD1 = +4V, VGL = -0.1V, VGX = -0.9V, P_LO = 0dBm
Conversion Gain versus temperature at IF 2 GHz (USB mode)
Noise figure versus temperature at IF 2GHz (USB mode)
4
6
8
10
12
14
16
18
20
22
24
35
36
37
38
39
40
41
RF Frequency (GHz)
85°C
25°C
-40°C
0
1
2
3
4
5
6
7
8
9
10
35
36
37
38
39
40
41
42
RF Frequency (GHz)
85°C
25°C
-40°C


Similar Part No. - CHR3394-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG20 UMS-CHR3394-QEG20 Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG21 UMS-CHR3394-QEG21 Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
More results

Similar Description - CHR3394-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3694-QDG UMS-CHR3694-QDG Datasheet
363Kb / 18P
   37-40GHz Integrated Down converter 37-40GHz Integrated Down converter
CHR3894-98F UMS-CHR3894-98F_15 Datasheet
530Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-98F UMS-CHR3894-98F Datasheet
518Kb / 12P
   37-40GHz Integrated Down Converter
CHR3894-QEG UMS-CHR3894-QEG Datasheet
378Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811 UMS-MFC-PO13811 Datasheet
186Kb / 4P
   37-40GHz Integrated Down converter
CHR3694-QDG UMS-CHR3694-QDG_11 Datasheet
538Kb / 18P
   37-40GHz Integrated Down converter
CHR3894-QEG UMS-CHR3894-QEG_15 Datasheet
389Kb / 14P
   37-40GHz Integrated Down Converter
CHR3394-QEG UMS-CHR3394-QEG Datasheet
439Kb / 14P
   37-40GHz Integrated Down Converter
MFC-PO13811-QDG UMS-MFC-PO13811-QDG Datasheet
461Kb / 10P
   37-40GHz Down converter
CHR2296 UMS-CHR2296_11 Datasheet
160Kb / 6P
   36-40GHz Integrated Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com