Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3663-QEG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHR3663-QEG
Description  17-24GHz Integrated Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3663-QEG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHR3663-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3663-QEG Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CHR3663-QEG
17
–24GHz Down Converter
Ref. : DSCHR3663-QEG1192 - 11 Jul 11
6/18
Specifications subject to change without notice
Route Départementale 128, BP46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
Figure 3: Dynamic Range (Gcmax
– Gcmin) versus Frequency
F_RF = 2xF_LO-F_IF & F_RF = 2xF_LO+F_IF, F_IF = 2.0GHz
Figure 4: Drain Currents versus Frequency
F_RF = 2xF_LO-F_IF, Freq_IF = 2.0GHz, GC2 = GC3 = -1.5V
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
17
18
19
20
21
22
23
24
25
26
RF Frequency (GHz)
DynamicRange_SUP@2GHz
DynamicRange_INF@2GHz
100
120
140
160
180
200
220
240
260
280
300
16
17
18
19
20
21
22
23
24
25
26
Frequency (GHz)
IDL@P_RF=-20dBm
ID@P_LO=0dBm


Similar Part No. - CHR3663-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR3663-QEG UMS-CHR3663-QEG Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG20 UMS-CHR3663-QEG20 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG21 UMS-CHR3663-QEG21 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
More results

Similar Description - CHR3663-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3663-QEG UMS-CHR3663-QEG_11 Datasheet
451Kb / 18P
   17-24GHz Integrated Down Converter
CHR3364-QEG UMS-CHR3364-QEG_15 Datasheet
477Kb / 14P
   17-24GHz Down Converter
CHR2293 UMS-CHR2293 Datasheet
97Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_05 Datasheet
72Kb / 4P
   20-24GHz Integrated Down Converter
CHR2293 UMS-CHR2293_11 Datasheet
96Kb / 4P
   20-24GHz Integrated Down Converter
CHR3663-QEG UMS-CHR3663-QEG Datasheet
453Kb / 16P
   17-24GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
CHR2292 UMS-CHR2292 Datasheet
124Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_11 Datasheet
126Kb / 6P
   17-20GHz Integrated Down Converter
CHR2292 UMS-CHR2292_04 Datasheet
100Kb / 6P
   17-20GHz Integrated Down Converter
CHA2090 UMS-CHA2090 Datasheet
130Kb / 8P
   17-24GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com