Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5414C-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5414C-Q1
Description  TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5414C-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5414C-Q1_15 Datasheet HTML 2Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 3Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 4Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 5Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 6Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 7Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 8Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 9Page - Texas Instruments TAS5414C-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
TAS5414C-Q1, TAS5424C-Q1
SLOS795E – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
Pin Functions
PIN
DKE
PHD PACKAGE
PACKAGE
TYPE
DESCRIPTION
NAME
TAS5424C-Q1
TAS5414C-Q1
NO.
NO.
A_BYP
14
11
PBY
Bypass pin for the AVDD analog regulator
Reports CLIP, OTW, or both. It also reports tweeter detection
CLIP_OTW
10
6
DO
during tweeter mode. Open-drain
Top of main storage capacitor for charge pump (bottom goes to
CP
34
41
CP
PVDD)
CPC_BOT
33
40
CP
Bottom of flying capacitor for charge pump
CPC_TOP
35
42
CP
Top of flying capacitor for charge pump
D_BYP
9
5
PBY
Bypass pin for DVDD regulator output
FAULT
5
1
DO
Global fault output (open drain): UV, OV, OTSD, OCSD, DC
3, 7, 8, 9, 12, 14, 16,
17, 21, 22, 23, 24, 25,
7, 11, 12, 28,
GND
26, 30, 31, 32, 35, 38,
GND
Ground
29, 32, 38, 39
39, 43, 46, 49, 50, 51,
55, 56, 57, 58, 59, 60
I2C_ADDR
2
62
AI
I2C address bit
IN1_M
16
N/A
AI
Inverting analog input for channel 1 (TAS5424C-Q1 only)
IN1_P
15
13
AI
Non-inverting analog input for channel 1
IN2_M
18
N/A
AI
Inverting analog input for channel 2 (TAS5424C-Q1 only)
IN2_P
17
15
AI
Non-inverting analog input for channel 2
IN3_M
20
N/A
AI
Inverting analog input for channel 3 (TAS5424C-Q1 only)
IN3_P
19
19
AI
Non-inverting analog input for channel 3
IN4_M
22
N/A
AI
Inverting analog input for channel 4 (TAS5424C-Q1 only)
IN4_P
21
20
AI
Non-inverting analog input for channel 4
Signal return for the four analog channel inputs (TAS5414C-Q1
IN_M
N/A
18
ARTN
only)
MUTE
6
2
AI
Gain ramp control: mute (low), play (high)
OSC_SYNC
1
61
DI/DO
Oscillator input from master or output to slave amplifiers
OUT1_M
41
48
PO
– polarity output for bridge 1
OUT1_P
40
47
PO
+ polarity output for bridge 1
OUT2_M
37
45
PO
– polarity output for bridge 2
OUT2_P
36
44
PO
+ polarity output for bridge 2
OUT3_M
31
37
PO
– polarity output for bridge 3
OUT3_P
30
36
PO
+ polarity output for bridge 3
OUT4_M
27
34
PO
– polarity output for bridge 4
OUT4_P
26
33
PO
+ polarity output for bridge 4
23, 24, 25, 42,
PVDD
27, 28, 29, 52, 53, 54
PWR
PVDD supply
43, 44
REXT
13
10
AI
Precision resistor pin to set analog reference
SCL
4
64
DI
I2C clock input from system I2C master
SDA
3
63
DI/DO
I2C data I/O for communication with system I2C master
STANDBY
8
4
DI
Active-low STANDBY pin. Standby (low), power up (high)
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5414C-Q1 TAS5424C-Q1


Similar Part No. - TAS5414C-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   Four-Channel Aftermarket Automotive Class-D Amplifier
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results

Similar Description - TAS5414C-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424C-Q1 TI-TAS5424C-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com