Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5424C-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS5424C-Q1
Description  TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5424C-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5424C-Q1_15 Datasheet HTML 4Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 5Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 6Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 7Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 8Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 9Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 10Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 11Page - Texas Instruments TAS5424C-Q1_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
TAS5414C-Q1, TAS5424C-Q1
SLOS795E – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
6.3 Recommended Operating Conditions
(1)
MIN
TYP
MAX
UNIT
PVDDOP
DC supply voltage range relative to GND
6
14.4
24
V
VAIN_5414
(2)
Analog audio input signal level (TAS5414C-Q1)
AC-coupled input voltage
0
0.25–1(3)
Vrms
Analog audio input signal level (TAS5424C-Q1)
AC-coupled input voltage
0
Vrms
VAIN_5424
(2)
0.5–2(3)
TA
Ambient temperature
–40
105
°C
An adequate heat sink is required
TJ
Junction temperature
–40
115
°C
to keep TJ within specified range.
RL
Nominal speaker load impedance
2
4
Ω
VPU
Pullup voltage supply (for open-drain logic outputs)
3
3.3 or 5
5.5
V
Resistor connected between open-
RPU_EXT
External pullup resistor on open-drain logic outputs
10
50
k
Ω
drain logic output and VPU supply
RPU_I2C
1
4.7
10
k
Ω
I2C pullup resistance on SDA and SCL pins
Total resistance of voltage divider for I2C address
RI2C_ADD
10
50
k
Ω
slave 1 or slave 2, connected between D_BYP and
GND pins
RREXT
External resistance on REXT pin
1% tolerance required
19.8
20
20.2
k
Ω
CD_BYP ,
External capacitance on D_BYP and A_BYP pins
10
120
nF
CA_BYP
COUT
External capacitance to GND on OUT_X pins
150
680
nF
External capacitance to analog input pin in series
CIN
0.47
μF
with input signal
CFLY
Flying capacitor on charge pump
0.47
1
1.5
μF
CP
Charge pump capacitor
50V needed for Load Dump
0.47
1
1.5
μF
CMUTE
MUTE pin capacitor
100
220
1000
nF
COSCSYNC_MAX
Allowed loading capacitance on OSC_SYNC pin
75
pF
(1)
The Recommended Operating Conditions table specifies only that the device is functional in the given range. See the Electrical
Characteristics table for specified performance limits.
(2)
Signal input for full unclipped output with gains of 32 dB, 26 dB, 20 dB, and 12 dB
(3)
Maximum recommended input voltage is determined by the gain setting.
6.4 Thermal Information
PARAMETER
VALUE (Typical)
UNIT
Junction-to-case (heat slug) thermal
RθJC
1
resistance, DKE package
Junction-to-case (heat slug) thermal
RθJC
1.2
°C/W
resistance, PHD package
This device is not intended to be used without a heatsink. Therefore, RθJA
RθJA
Junction-to-ambient thermal resistance
is not specified. Refer to the Thermal Information section.
Exposed pad dimensions, DKE package
13.8 × 5.8
mm
Exposed pad dimensions, PHD package
8 × 8
8
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5414C-Q1 TAS5424C-Q1


Similar Part No. - TAS5424C-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5424C-Q1 TI-TAS5424C-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5424C-Q1 TI1-TAS5424C-Q1 Datasheet
1Mb / 63P
[Old version datasheet]   75-W, 2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TAS5424C-Q1 TI1-TAS5424C-Q1 Datasheet
2Mb / 68P
[Old version datasheet]   2-MHz Digital Input 4-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
More results

Similar Description - TAS5424C-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5414C-Q1 TI-TAS5414C-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   TAS54x4C-Q1 Four-Channel Automotive Digital Amplifiers
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A Datasheet
990Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI-TAS5414B-Q1_15 Datasheet
1Mb / 43P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414_0705 TI-TAS5414_0705 Datasheet
886Kb / 44P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414CTPHDRQ1 TI-TAS5414CTPHDRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com