Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5611A Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS5611A
Description  STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5611A Datasheet(HTML) 2 Page - Texas Instruments

  TAS5611A_15 Datasheet HTML 1Page - Texas Instruments TAS5611A_15 Datasheet HTML 2Page - Texas Instruments TAS5611A_15 Datasheet HTML 3Page - Texas Instruments TAS5611A_15 Datasheet HTML 4Page - Texas Instruments TAS5611A_15 Datasheet HTML 5Page - Texas Instruments TAS5611A_15 Datasheet HTML 6Page - Texas Instruments TAS5611A_15 Datasheet HTML 7Page - Texas Instruments TAS5611A_15 Datasheet HTML 8Page - Texas Instruments TAS5611A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
16
15
OC_ADJ
14
RESET
13
C_STARTUP
12
INPUT_A
11
INPUT_B
10
VI_CM
9
GND
8
AGND
7
VREG
6
INPUT_C
5
INPUT_D
4
FREQ_ADJ
3
OSC_IO+
2
OSC_IO-
1
SD
64-pins QFP package
33
GND_D
34
GND_C
35
GND_C
36
OUT_C
37
OUT_C
38
PVDD_C
39
PVDD_C
40
BST_C
41
BST_B
42
PVDD_B
43
OUT_B
44
GND_B
45
GND_A
46
47
48
OTW1
PVDD_B
OUT_B
GND_B
PHD PACKAGE
(TOP VIEW)
PIN ONE LOCATION PHD PACKAGE
Pin 1 Marker
White Dot
Electrical Pin 1
TAS5611A
SLAS709B
– JUNE 2010 – REVISED JULY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
Pin Assignment
The TAS5611A is available in a thermally enhanced packages:
64-Pin QFP (PHD) Power Package
The package types contain heat slugs that are located on the top side of the device for convenient thermal
coupling to the heat sink.
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG INPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2
× BTL
AD mode
0
0
1
Reserved
0
1
0
Differential
2
× BTL
BD mode
Differential Single
0
1
1
1
× BTL +2 ×SE
BD mode, BTL Differential
Ended
1
0
0
Single Ended
4
× SE
AD mode
INPUT_C (1)
INPUT_D (1)
1
0
1
Differential
1
× PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=GND).
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TAS5611A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
More results

Similar Description - TAS5611A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A_15 Datasheet
2Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com