Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5612A Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5612A
Description  125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5612A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5612A_15 Datasheet HTML 6Page - Texas Instruments TAS5612A_15 Datasheet HTML 7Page - Texas Instruments TAS5612A_15 Datasheet HTML 8Page - Texas Instruments TAS5612A_15 Datasheet HTML 9Page - Texas Instruments TAS5612A_15 Datasheet HTML 10Page - Texas Instruments TAS5612A_15 Datasheet HTML 11Page - Texas Instruments TAS5612A_15 Datasheet HTML 12Page - Texas Instruments TAS5612A_15 Datasheet HTML 13Page - Texas Instruments TAS5612A_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TAS5612A
SLAS710B
– JUNE 2010 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 32.5V, GVDD_X = 12V, VDD = 12V, TC (Case temperature) = 75°C, fS = 384kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC DIGITAL SPECIFICATIONS
VIH
High level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low level input voltage
0.8
V
Ilkg
Input leakage current
100
μA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW1 to VREG, OTW2 to
RINT_PU
20
26
33
k
VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High level output voltage
V
External pullup of 4.7k
Ω to 5V
4.5
5
VOL
Low level output voltage
IO = 4mA
200
500
mV
FANOUT
Device fanout OTW1, OTW2, SD, CLIP, READY
No external pullup
30
devices
10
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TAS5612A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612ADKD TI-TAS5612ADKD Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612APHD TI-TAS5612APHD Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612APHDR TI-TAS5612APHDR Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results

Similar Description - TAS5612A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5612 TI-TAS5612 Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5612A TI-TAS5612A Datasheet
1Mb / 26P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5611 TI-TAS5611 Datasheet
1Mb / 28P
[Old version datasheet]   125W STEREO / 250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A Datasheet
1Mb / 27P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_10 Datasheet
2Mb / 29P
[Old version datasheet]   125W STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5611A TI-TAS5611A_15 Datasheet
1Mb / 28P
[Old version datasheet]   STEREO/250W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614 TI-TAS5614 Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com