Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS6011 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDS6011
Description  Schmitt Trigger Optocoupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDS6011 Datasheet(HTML) 1 Page - Solid State Optronic

  SDS6011 Datasheet HTML 1Page - Solid State Optronic SDS6011 Datasheet HTML 2Page - Solid State Optronic SDS6011 Datasheet HTML 3Page - Solid State Optronic SDS6011 Datasheet HTML 4Page - Solid State Optronic SDS6011 Datasheet HTML 5Page - Solid State Optronic SDS6011 Datasheet HTML 6Page - Solid State Optronic SDS6011 Datasheet HTML 7Page - Solid State Optronic SDS6011 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDS6011 H/S/TR
Rev 1.00 (10/31/2013)
001664
Page 1 of 8
SDS6011
DC Input
1MHz
Schmitt Trigger Optocoupler
Description
The SDS6011 consists of a light emitting diode optically
coupled to an output integrated circuit detector.
The
output circuit integrates an optical coupler and a Schmitt
Trigger providing hysteresis for noise immunity and pulse
shaping.
Optical coupling between the input IR LED and
output structure allows for high isolation levels while
maintaining low-level DC signal control capability. An open
collector output allows further design flexibility.
The SDS6011 comes standard in a miniature 6 pin DIP
package.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Logic to Logic Isolator
Programmable Current Level Sensor
Line Receiver (eliminate noise & transients)
A.C. to TTL Conversion (square wave shaping)
Digital Programming of Power Supplies
Interfacing PCs with Peripherals
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +150°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..60mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………………………………100mW
Total Power Dissipation ……………………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SDS6011
6 pin DIP, (60/Tube)
SDS6011-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SDS6011-S
6 pin SMD, (60/Tube)
SDS6011-STR
6 pin SMD, Tape and Reel (1000/Reel)
Features
High data date – 1MHz (NRZ)
Free from latch up and oscillation
Microprocessor compatible Drive
Logic compatible output sinks 16mA @ 0.4V
Guaranteed on/off threshold hysteresis
High common mode rejection ratio
Fast switching (100nS typical tR and tF)
Wide supply voltage compatibility
NOTE: Suffixes listed above are not included in marking on
device for part number identification
1
2
3
4
5
6
Do Not Connect
Anode
Cathode
VO
Ground
VCC
SDS6011


Similar Part No. - SDS6011

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDS60 XPPOWER-SDS60 Datasheet
152Kb / 2P
   60 Watts SDS Series
SDS60UD01 XPPOWER-SDS60UD01 Datasheet
171Kb / 2P
   AC-DC Power Supplies
SDS60UD01 XPPOWER-SDS60UD01 Datasheet
152Kb / 2P
   60 Watts SDS Series
SDS60UD04 XPPOWER-SDS60UD04 Datasheet
171Kb / 2P
   AC-DC Power Supplies
SDS60UD04 XPPOWER-SDS60UD04 Datasheet
152Kb / 2P
   60 Watts SDS Series
More results

Similar Description - SDS6011

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
H11L1 CTMICRO-H11L1 Datasheet
685Kb / 11P
   Schmitt Trigger Output 6-Pin Optocoupler
logo
Vishay Siliconix
VOH1016AG VISHAY-VOH1016AG_V01 Datasheet
214Kb / 12P
   High Speed Optocoupler, 1 MBd, Schmitt Trigger
01-Jan-2022
VOH1016AG VISHAY-VOH1016AG Datasheet
219Kb / 12P
   High Speed Optocoupler, 1 MBd, Schmitt Trigger
01-Jan-2019
logo
ON Semiconductor
H11L1M ONSEMI-H11L1M Datasheet
340Kb / 9P
   6-Pin DIP Schmitt Trigger Output Optocoupler
June, 2020 ??Rev. 3
H11N1M ONSEMI-H11N1M Datasheet
225Kb / 8P
   6-Pin DIP Schmitt Trigger Output Optocoupler
April, 2019 ??Rev. 3
logo
Skyworks Solutions Inc.
OLS600 SKYWORKS-OLS600 Datasheet
282Kb / 6P
   Hermetic Surface Mount, High-Speed Schmitt Trigger Optocoupler
June 22, 2017
OLI600 SKYWORKS-OLI600 Datasheet
530Kb / 6P
   Miniature High-Speed Schmitt Trigger Optocoupler for Hybrid Assembly
August 5, 2021
logo
Toshiba Semiconductor
TC4S584F TOSHIBA-TC4S584F_08 Datasheet
260Kb / 5P
   SCHMITT TRIGGER
TC4S584F TOSHIBA-TC4S584F Datasheet
182Kb / 4P
   SCHMITT TRIGGER
logo
Microsemi Corporation
TSC367 MICROSEMI-TSC367 Datasheet
1Mb / 6P
   Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com