Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4203 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SM4203
Description  Miniature 4 pin SOP package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SM4203 Datasheet(HTML) 3 Page - Solid State Optronic

  SM4203 Datasheet HTML 1Page - Solid State Optronic SM4203 Datasheet HTML 2Page - Solid State Optronic SM4203 Datasheet HTML 3Page - Solid State Optronic SM4203 Datasheet HTML 4Page - Solid State Optronic SM4203 Datasheet HTML 5Page - Solid State Optronic SM4203 Datasheet HTML 6Page - Solid State Optronic SM4203 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 7
SM4203 /TR
Rev 2.00 (11/12/2013)
001703
SM4203
Optically Coupled
MOSFET Driver
w/Discharge Circuit
Process
Step
Description
Parameter
A
Preheat Start Temperature (ºC)
150ºC
B
Preheat Finish Temperature (ºC)
180ºC
C
Preheat Time (s)
90 - 120s
D
Melting Temperature (ºC)
230ºC
E
Time above Melting Temperature (s)
30s
F
Peak Temperature, at Terminal (ºC)
260ºC
G
Dwell Time at Peak Temperature (s)
10s
H
Cool-down (ºC/s)
<6ºC/s
SM4203 Solder Reflow Temperature Profile Recommendations
(1) Infrared Reflow:
Refer to the following figure as an example of an optimal temperature profile for single occurrence infrared reflow.
Soldering process should not exceed temperature or time limits expressed herein. Surface temperature of device
package should not exceed 250ºC:
A
B
C
D
F
E
G
H
(2) Wave Solder:
(3) Hand Solder:
Maximum Temperature:
260ºC
(at terminal)
Maximum Time:
10s
Pre-heating:
100 - 150ºC (30 - 90s)
Single Occurrence
Maximum Temperature:
350ºC
(at tip of soldering iron)
Maximum Time:
3s
Single Occurrence


Similar Part No. - SM4203

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM42002EL BOURNS-SM42002EL Datasheet
637Kb / 3P
   2.5 GbE Chip LAN Transformer Module
logo
Solid State Optronic
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4204 SSOUSA-SM4204 Datasheet
212Kb / 7P
   Built in active discharge circuit for fast turn-off
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
More results

Similar Description - SM4203

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM4206 SSOUSA-SM4206 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4202 SSOUSA-SM4202 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
SM4205 SSOUSA-SM4205 Datasheet
212Kb / 7P
   Miniature 4 pin SOP package
MD203 SSOUSA-MD203 Datasheet
210Kb / 7P
   Miniature 4 pin SOP package
M241 SSOUSA-M241 Datasheet
171Kb / 5P
   Miniature 4 pin SOP package
logo
Everlight Electronics C...
EL354N-G EVERLIGHT-EL354N-G Datasheet
407Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
logo
Renesas Technology Corp
PS2761B-1 RENESAS-PS2761B-1_15 Datasheet
282Kb / 15P
   4-PIN SOP PHOTOCOUPLER
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
   Ultra miniature 4 pin SSOP package
logo
Everlight Electronics C...
EL354 EVERLIGHT-EL354 Datasheet
316Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
EL3H4-G EVERLIGHT-EL3H4-G Datasheet
453Kb / 11P
   4 PIN SOP PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com