Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMQ4101 Datasheet(PDF) 3 Page - Solid State Optronic

Part # SMQ4101
Description  Quad Pole Switching / Small 16 SOIC Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SMQ4101 Datasheet(HTML) 3 Page - Solid State Optronic

  SMQ4101 Datasheet HTML 1Page - Solid State Optronic SMQ4101 Datasheet HTML 2Page - Solid State Optronic SMQ4101 Datasheet HTML 3Page - Solid State Optronic SMQ4101 Datasheet HTML 4Page - Solid State Optronic SMQ4101 Datasheet HTML 5Page - Solid State Optronic SMQ4101 Datasheet HTML 6Page - Solid State Optronic SMQ4101 Datasheet HTML 7Page - Solid State Optronic SMQ4101 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMQ4101
Quad 1 Form A
400V / 35
Ω
MOSFET Output Solid State Relay
SMQ4101 Performance & Characteristics Plots, T
A = 25°C (unless otherwise specified)
0
10
20
30
40
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Turn-On Time (mS)
Figure 1: Typical Turn-On Time Distribution
(N = 100, T
a = 25ºC)
0
10
20
30
40
0.025
0.030
0.035
0.040
0.045
0.050
0.055
0.060
Turn-Off Time (mS)
Figure 2: Typical Turn-Off Time Distribution
(N = 100, T
a = 25ºC)
0
10
20
30
40
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
On- Resistance (
Ω)
Figure 3: Typical On-Resistance Distribution
(N = 100, T
a = 25ºC)
0
10
20
30
40
50
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
Leakage Current (µA)
Figure 4: Typical Output Leakage Current
Distribution (N = 100, T
a = 25ºC)
0
10
20
30
40
435
440
445
450
455
460
465
470
Blocking Voltage (V
B)
Figure 5: Typical Blocking Voltage Distribution
(N = 100, Ta = 25ºC)
0
40
80
120
160
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Figure 6: Maximum Load Current vs.
Temperature
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 8
SMQ4101 /TR
Rev 2.00 (08/22/2014)
002140


Similar Part No. - SMQ4101

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
More results

Similar Description - SMQ4101

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG04-1006N1LF HALO-TG04-1006N1LF Datasheet
366Kb / 2P
   16 Pin SOIC Package 10BASE-T Transformers
logo
E&E Magnetic Products L...
821-02015F EEMAGNETIC-821-02015F Datasheet
66Kb / 3P
   TRANSFORMER, 10BASE-T, QUAD RX,SOIC, 16 PIN
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-NSO ACCUTEK-AK08D300-NSO_12 Datasheet
741Kb / 11P
   Small Outline Package SOIC, SOJ and PLCC DIP Adapters
logo
Maxim Integrated Produc...
90-0097 MAXIM-90-0097 Datasheet
30Kb / 1P
   PACKAGE LAND PATTERN, (S16) 0.150 SOIC, 16 LEADS
Rev A
90-0107 MAXIM-90-0107 Datasheet
28Kb / 1P
   PACKAGE LAND PATTERN, (216) 0.300 SOIC, 16 LEADS
Rev D
logo
Fairchild Semiconductor
SOIC4_DIM FAIRCHILD-SOIC4_DIM Datasheet
21Kb / 1P
   SOIC-4 Package Dimensions
logo
Maxim Integrated Produc...
21-0042 MAXIM-21-0042 Datasheet
46Kb / 1P
   PACKAGE OUTLINE, SOIC,300
Rev F
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
   8-pin SOIC package
logo
CML Microcircuits
CMX971 CMLMICRO-CMX971 Datasheet
1Mb / 25P
   Small 16-lead VQFN Package
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
   Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com