Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760M Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS5760M
Description  TAS5760M General-Purpose I2S Input Class-D Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 5 Page - Texas Instruments

  TAS5760M_15 Datasheet HTML 1Page - Texas Instruments TAS5760M_15 Datasheet HTML 2Page - Texas Instruments TAS5760M_15 Datasheet HTML 3Page - Texas Instruments TAS5760M_15 Datasheet HTML 4Page - Texas Instruments TAS5760M_15 Datasheet HTML 5Page - Texas Instruments TAS5760M_15 Datasheet HTML 6Page - Texas Instruments TAS5760M_15 Datasheet HTML 7Page - Texas Instruments TAS5760M_15 Datasheet HTML 8Page - Texas Instruments TAS5760M_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
TAS5760M
www.ti.com
SLOS772D – JULY 2013 – REVISED JULY 2015
Pin Functions (continued)
TAS5760M
NO.
TYPE(1)
INTERNAL TERMINATION
DESCRIPTION
NAME
Connection point for the SPK_OUTA- bootstrap capacitor, which is used to
BSTRPA-
39
P
-
create a power supply for the high-side gate drive for SPK_OUTA-
Connection point for the SPK_OUTA+ bootstrap capacitor, which is used to
BSTRPA+
43
P
-
create a power supply for the high-side gate drive for SPK_OUTA
Connection point for the SPK_OUTB- bootstrap capacitor, which is used to
BSTRPB-
38
P
-
create a power supply for the high-side gate drive for SPK_OUTB-
Connection point for the SPK_OUTB+ bootstrap capacitor, which is used to
BSTRPB+
34
P
-
create a power supply for the high-side gate drive for SPK_OUTB+
Ground for digital circuitry (NOTE: This pin should be connected to the
DGND
17
G
-
system ground)
DVDD
9
P
-
Power supply for the internal digital circuitry
Dual function pin that functions as an I²C data input pin in I²C Control Mode
FREQ/SDA
7
DI
Weak Pull-Down
or as a Frequency Select terminal when in Hardware Control Mode.
Ground for gate drive circuitry (this terminal should be connected to the
GGND
47
G
-
system ground)
Voltage regulator derived from PVDD supply (NOTE: This pin is provided as
GVDD_REG
48
P
-
a connection point for filtering capacitors for this supply and must not be
used to power any external circuitry)
Word select clock for the digital signal that is active on the serial port's input
LRCK
16
DI
Weak Pull-Down
data line
Master Clock used for internal clock tree, sub-circuit/state machine, and
MCLK
13
DI
Weak Pull-Down
Serial Audio Port clocking
Not connected inside the device (all "no connect" pins should be connected
18-
NC
-
-
to ground for best thermal performance, however they can be used as
31
routing channels if required.)
Dual function pin that functions as an I²C clock input terminal in I²C Control
PBTL/SCL
8
DI
Weak Pull-Down
Mode or configures the device to operate in pre-filter Parallel Bridge Tied
Load (PBTL) mode when in Hardware Control Mode
36,
Ground for power device circuitry (NOTE: This terminal should be
PGND
G
-
41
connected to the system ground)
32,
33,
PVDD
P
-
Power Supply for internal power circuitry
44,
45
Bit clock for the digital signal that is active on the serial data port's input
SCLK
14
DI
Weak Pull-Down
data line
SDIN
15
DI
Weak Pull-Down
Data line to the serial data port
SFT_CLIP
1
AI
-
sets the maximum output voltage before clipping
Speaker amplifier fault terminal, which is pulled LOW when an internal fault
SPK_FAULT
5
DO
-
occurs
SPK_GAIN0
10
DI
Weak Pull-Down
Adjusts the LSB of the multi-bit gain of the speaker amplifier
SPK_GAIN1
11
DI
Weak Pull-Down
Adjusts the MSB of the multi-bit gain of the speaker amplifier
SPK_SLEEP/
In Hardware Control Mode, places the speaker amplifier in sleep mode. In
12
DI
Weak Pull-Up
ADR
Software Control Mode, is used to determine the I²C Address of the device
SPK_OUTA-
40
AO
-
Negative pin for differential speaker amplifier output A
SPK_OUTA+
42
AO
-
Positive pin for differential speaker amplifier output A
SPK_OUTB-
37
AO
-
Negative pin for differential speaker amplifier output B
SPK_OUTB+
35
AO
-
Positive pin for differential speaker amplifier output B
SPK_SD
6
AO
-
Places the speaker amplifier in shutdown
VCOM
3
P
-
Bias voltage for internal PWM conversion block
Provides both electrical and thermal connection from the device to the
board. A matching ground pad must be provided on the PCB and the
PowerPAD™
-
G
-
device connected to it via solder. For proper electrical operation, this
ground pad must be connected to the system ground.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TAS5760M


Similar Part No. - TAS5760M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAPR TI1-TAS5760MDAPR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com