Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5760M Datasheet(PDF) 10 Page - Texas Instruments

Part # TAS5760M
Description  TAS5760M General-Purpose I2S Input Class-D Amplifier
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760M Datasheet(HTML) 10 Page - Texas Instruments

Back Button TAS5760M_15 Datasheet HTML 6Page - Texas Instruments TAS5760M_15 Datasheet HTML 7Page - Texas Instruments TAS5760M_15 Datasheet HTML 8Page - Texas Instruments TAS5760M_15 Datasheet HTML 9Page - Texas Instruments TAS5760M_15 Datasheet HTML 10Page - Texas Instruments TAS5760M_15 Datasheet HTML 11Page - Texas Instruments TAS5760M_15 Datasheet HTML 12Page - Texas Instruments TAS5760M_15 Datasheet HTML 13Page - Texas Instruments TAS5760M_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
TAS5760M
SLOS772D – JULY 2013 – REVISED JULY 2015
www.ti.com
Speaker Amplifier in All Modes (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(0)
16
fS
when PWM_FREQ Pin = 0
available in Software Control
Mode.)
(Hardware Control Mode.
Speaker Amplifier Switching Frequency
Additional switching rates
fSPK_AMP(1)
8
fS
when PWM_FREQ Pin = 1
available in Software Control
Mode.)
PVDD = 15 V, TA = 25 °C, Die
120
m
Ω
Only
On Resistance of Output MOSFET (both
RDS(ON)
PVDD= 15V, TA = 25 °C,
high-side and low-side)
Includes: Die, Bond Wires,
150
m
Ω
Leadframe
fS = 44.1 kHz
3.7
fS = 48 kHz
4
–3-dB Corner Frequency of High-Pass
fC
Hz
Filter
fS = 88.2 kHz
7.4
fS = 96 kHz
8
7.10 Speaker Amplifier in Stereo Bridge Tied Load (BTL) Mode
Input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
66
RSPK = 8 Ω, A-Weighted
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
75
RSPK = 8 Ω, A-Weighted
ICN(SPK)
Idle Channel Noise
µVrms
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
79
RSPK = 8 Ω, A-Weighted
PVDD = 24 V, SPK_GAIN[1:0] Pins =10,
120
RSPK = 8 Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
14.2
RSPK = 4 Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
8
RSPK = 8 Ω, THD+N = 0.1%
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
21.9
RSPK = 4 Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
12.5
RSPK = 8 Ω, THD+N = 0.1%
Maximum Instantaneous
Po(SPK)
W
Output Power Per. Ch.
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
33.5
RSPK = 4 Ω, THD+N = 0.1%,
PVDD = 19 V, SPK_GAIN[1:0] Pins = 01,
20
RSPK = 8 Ω, THD+N = 0.1%
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
55.2
RSPK = 4 Ω, THD+N = 0.1%,
PVDD = 24 V, SPK_GAIN[1:0] Pins = 10,
31.8
RSPK = 8 Ω, THD+N = 0.1%
10
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TAS5760M


Similar Part No. - TAS5760M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760M-Q1 TI1-TAS5760M-Q1 Datasheet
1Mb / 77P
[Old version datasheet]   2x20-W Digital Input Closed-Loop Automotive Class-D Audio Amplifier
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAP TI1-TAS5760MDAP Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MDAPR TI1-TAS5760MDAPR Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760M_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760MD TI1-TAS5760MD Datasheet
1Mb / 72P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760M TI1-TAS5760M Datasheet
1Mb / 84P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760L TI-TAS5760L_15 Datasheet
1Mb / 77P
[Old version datasheet]   TAS5760L General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760MD TI-TAS5760MD_15 Datasheet
1Mb / 72P
[Old version datasheet]   TAS5760MD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
TAS5760LD TI-TAS5760LD_15 Datasheet
1Mb / 68P
[Old version datasheet]   TAS5760LD General-Purpose I2S Input Class-D Amplifier With DirectPath??Headphone and Line Driver
logo
NXP Semiconductors
TFA9882 PHILIPS-TFA9882_15 Datasheet
996Kb / 31P
   3.4 W I2S input mono class-D audio amplifier
Rev. 2-20 April 2011
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com