Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PESD5V0C1BSF Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PESD5V0C1BSF
Description  Ultra low capacitance bidirectional ESD protection diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD5V0C1BSF Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PESD5V0C1BSF_15 Datasheet HTML 2Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 3Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 4Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 5Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 6Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 7Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 8Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 9Page - NXP Semiconductors PESD5V0C1BSF_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NXP Semiconductors
PESD5V0C1BSF
Ultra low capacitance bidirectional ESD protection diode
PESD5V0C1BSF
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
6 May 2015
6 / 12
50 Ω
Rd
Cs
DUT
(DEVICE
UNDER
TEST)
RG 223/U
50 Ω coax
ESD TESTER
IEC 61000-4-2 ed.2
Cs = 150 pF; Rd = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
40 dB
ATTENUATOR
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
0
6
2
10
V
(kV)
-2
t (ns)
-10
70
30
4
8
40
20
10
0
50
60
unclamped -8 kV ESD pulse waveform
(IEC 61000-4-2 network)
-8
-2
-6
2
V
(kV)
-10
t (ns)
-10
70
30
-4
0
40
20
10
0
50
60
aaa-003952
Fig. 9. ESD clamping test setup and waveforms
aaa-016866
60
80
40
20
0
100
120
VCL
(V)
-20
t (ns)
-10
10
30
50
70
40
20
0
60
VCL at 30 ns = 4.6 V
Fig. 10. Clamped +8 kV pulse waveform (IEC 61000-4-2
network)
aaa-016867
-40
-20
-60
-80
-100
0
20
VCL
(V)
-120
t (ns)
-10
10
30
50
70
40
20
0
60
VCL at 30 ns = -3.8 V
Fig. 11. Clamped -8 kV pulse waveform (IEC 61000-4-2
network)


Similar Part No. - PESD5V0C1BSF_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PESD5V0C1BSF NEXPERIA-PESD5V0C1BSF Datasheet
669Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
More results

Similar Description - PESD5V0C1BSF_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3X1BL NXP-PESD3V3X1BL Datasheet
91Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 01-6 January 2009
PESD18VF1BL NXP-PESD18VF1BL Datasheet
716Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
Rev. 1-2 September 2013
PESD5V0H1BSF PHILIPS-PESD5V0H1BSF_15 Datasheet
193Kb / 13P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
logo
Nexperia B.V. All right...
PESD7V0C1BSF NEXPERIA-PESD7V0C1BSF Datasheet
207Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD3V3C1BSF NEXPERIA-PESD3V3C1BSF Datasheet
694Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
logo
NXP Semiconductors
PESD5V0R1BSF PHILIPS-PESD5V0R1BSF_15 Datasheet
189Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
7 May 2015
PESD18VF1BSF PHILIPS-PESD18VF1BSF_15 Datasheet
187Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
20 May 2015
logo
Nexperia B.V. All right...
PESD24VF1BSF NEXPERIA-PESD24VF1BSF Datasheet
672Kb / 12P
   Ultra low capacitance bidirectional ESD protection diode
PESD5V0U1BLD-Q NEXPERIA-PESD5V0U1BLD-Q Datasheet
216Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
13 July 2022
PESD24VF1BL-Q NEXPERIA-PESD24VF1BL-Q Datasheet
233Kb / 11P
   Ultra low capacitance bidirectional ESD protection diode
1 June 2022
PESD18VF1BLS-Q NEXPERIA-PESD18VF1BLS-Q Datasheet
210Kb / 11P
   Ultra-low capacitance bidirectional ESD protection diode
13 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com