Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCM440VNE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMCM440VNE
Description  12 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM440VNE Datasheet(HTML) 5 Page - NXP Semiconductors

  PMCM440VNE_15 Datasheet HTML 1Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 2Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 3Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 4Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 5Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 6Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 7Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 8Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMCM440VNE
12 V, N-channel Trench MOSFET
PMCM440VNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 April 2015
5 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance
from junction to solder
point
-
5
10
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain, 4-layer, 1 cm2.
[3] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.
aaa-013734
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.01
0.75
0.50
0.33 0.25
0.20
0.10
0.05
0.02
0
FR4 PCB, standard footprint
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
aaa-013735
tp (s)
10-3
102
103
10
1
10-2
10-1
10
102
Zth(j-a)
(K/W)
1
duty cycle = 1
0.01
0.75
0.50
0.33 0.25
0.20 0.10
0.05
0.02
0
FR4 PCB, mounting pad for drain 6 cm2
Fig. 6. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values


Similar Part No. - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
More results

Similar Description - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
   12 V, N-channel Trench MOSFET
26 August 2015
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com