Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCM440VNE Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMCM440VNE
Description  12 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM440VNE Datasheet(HTML) 1 Page - NXP Semiconductors

  PMCM440VNE_15 Datasheet HTML 1Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 2Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 3Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 4Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 5Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 6Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 7Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 8Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PMCM440VNE
12 V, N-channel Trench MOSFET
7 April 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
N-channel enhancement mode Field-Effect Transistor (FET) in a 4 bumps Wafer Level
Chip-Size Package (WLCSP) using Trench MOSFET technology.
2. Features and benefits
Low threshold voltage
Ultra small package: 0.78 × 0.78 × 0.35 mm
Trench MOSFET technology
ElectroStatic Discharge (ESD) protection > 2 kV HBM
3. Applications
Relay driver
High-speed line driver
Low-side loadswitch
Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
12
V
VGS
gate-source voltage
Tj = 25 °C
-8
-
8
V
ID
drain current
VGS = 4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
5
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 4.5 V; ID = 3 A; Tj = 25 °C
-
57
67
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated, mounting pad for
drain 6 cm2.


Similar Part No. - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
More results

Similar Description - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
   12 V, N-channel Trench MOSFET
26 August 2015
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com