Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCM440VNE Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMCM440VNE
Description  12 V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM440VNE Datasheet(HTML) 2 Page - NXP Semiconductors

  PMCM440VNE_15 Datasheet HTML 1Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 2Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 3Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 4Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 5Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 6Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 7Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 8Page - NXP Semiconductors PMCM440VNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMCM440VNE
12 V, N-channel Trench MOSFET
PMCM440VNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
7 April 2015
2 / 15
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
A1
G
gate
A2
S
source
B1
D
drain
B2
S
source
1
2
A
B
Transparent top view
WLCSP4 (OL-
PMCM440VNE)
017aaa255
G
D
S
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMCM440VNE
WLCSP4
WLCSP4: wafer level chip-size package; 4 bumps (2 x 2)
OL-
PMCM440VNE
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMCM440VNE
M
PIN A1
INDICATION
MARKING CODE
(EXAMPLE)
aaa-012880
A
B
2
1
Fig. 1. WLCSP4 marking code description


Similar Part No. - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
More results

Similar Description - PMCM440VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM440VNE NEXPERIA-PMCM440VNE Datasheet
711Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE PHILIPS-PMXB40UNE_15 Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
logo
Nexperia B.V. All right...
PMCM6501VNE NEXPERIA-PMCM6501VNE Datasheet
777Kb / 15P
   12 V, N-channel Trench MOSFET
PMCA14UN NEXPERIA-PMCA14UN Datasheet
286Kb / 15P
   12 V, N-channel Trench MOSFET
6 August 2020
PMXB40UNE NEXPERIA-PMXB40UNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE NEXPERIA-PMCM650VNE Datasheet
741Kb / 15P
   12 V, N-channel Trench MOSFET
logo
NXP Semiconductors
PMXB40UNE NXP-PMXB40UNE Datasheet
261Kb / 15P
   12 V, N-channel Trench MOSFET
27 September 2013
PMCM650VNE PHILIPS-PMCM650VNE_15 Datasheet
376Kb / 15P
   12 V, N-channel Trench MOSFET
7 April 2015
PMCM6501VNE PHILIPS-PMCM6501VNE_15 Datasheet
367Kb / 15P
   12 V, N-channel Trench MOSFET
26 August 2015
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
   12 V, P-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com