Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMCM4401VNE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMCM4401VNE
Description  12V, N-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMCM4401VNE Datasheet(HTML) 4 Page - NXP Semiconductors

  PMCM4401VNE_15 Datasheet HTML 1Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 2Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 3Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 4Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 5Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 6Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 7Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 8Page - NXP Semiconductors PMCM4401VNE_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NXP Semiconductors
PMCM4401VNE
12V, N-channel Trench MOSFET
PMCM4401VNE
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved
Product data sheet
24 July 2015
4 / 15
Tj (°C)
- 75
175
125
25
75
- 25
017aaa123
40
80
120
Pder
(%)
0
Fig. 2. Normalized total power dissipation as a
function of junction temperature
Tj (°C)
- 75
175
125
25
75
- 25
017aaa124
40
80
120
Ider
(%)
0
Fig. 3. Normalized continuous drain current as a
function of junction temperature
aaa-019061
1
10-1
10
102
ID
(A)
10-2
VDS (V)
10-1
102
10
1
Limit RDSon = VDS/ID
DC; Tsp = 25 °C
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
tp = 10 µs
tp = 100 µs
tp = 1 ms
tp = 10 ms
tp = 100 ms
IDM = single pulse
Fig. 4. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
9. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
250
300
K/W
[2]
-
70
85
K/W
in free air
[3]
-
85
100
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; t ≤ 5 s
[3]
-
50
60
K/W


Similar Part No. - PMCM4401VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM4401VNE NEXPERIA-PMCM4401VNE Datasheet
729Kb / 15P
   12V, N-channel Trench MOSFET
More results

Similar Description - PMCM4401VNE_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMCM4401VNE NEXPERIA-PMCM4401VNE Datasheet
729Kb / 15P
   12V, N-channel Trench MOSFET
logo
MagnaChip Semiconductor...
MDS1101 MGCHIP-MDS1101 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 12V, 15A, 8m(ohm)
logo
Alpha & Omega Semicondu...
AON1620 AOSMD-AON1620 Datasheet
242Kb / 5P
   12V N-Channel MOSFET
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA_15 Datasheet
372Kb / 6P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDF DIODES-DMN1008UFDF Datasheet
573Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LDN8102DT1AG LRC-LDN8102DT1AG Datasheet
700Kb / 3P
   12V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMN14M8UFDF DIODES-DMN14M8UFDF Datasheet
737Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
August 2021 Rev. 3 - 2
DMN1019UFDE DIODES-DMN1019UFDE Datasheet
223Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1019UVT DIODES-DMN1019UVT_15 Datasheet
365Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN1008UFDFQ DIODES-DMN1008UFDFQ Datasheet
548Kb / 7P
   12V N-CHANNEL ENHANCEMENT MODE MOSFET
July 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com