Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDPB70XP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMDPB70XP
Description  30 V, dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB70XP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMDPB70XP_15 Datasheet HTML 1Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 2Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 3Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 4Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 5Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 6Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 7Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 8Page - NXP Semiconductors PMDPB70XP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PMDPB70XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 9 March 2012
5 of 15
NXP Semiconductors
PMDPB70XP
30 V, dual P-channel Trench MOSFET
FR4 PCB, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
FR4 PCB, mounting pad for drain 6 cm2
Fig 5.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa398
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
017aaa399
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0


Similar Part No. - PMDPB70XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
logo
Nexperia B.V. All right...
PMDPB70XPE NEXPERIA-PMDPB70XPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE_15 Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
More results

Similar Description - PMDPB70XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB1200UPE PHILIPS-PMDXB1200UPE_15 Datasheet
242Kb / 15P
   30 V, dual P-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMDXB1200UPE NEXPERIA-PMDXB1200UPE Datasheet
724Kb / 15P
   30 V, dual P-channel Trench MOSFET
PMDPB70XP NEXPERIA-PMDPB70XP Datasheet
1Mb / 15P
   30 V, dual P-channel Trench MOSFET
Rev. 1 - 9 March 2012
logo
NXP Semiconductors
PMDPB70XP NXP-PMDPB70XP Datasheet
845Kb / 15P
   30 V, dual P-channel Trench MOSFET
Rev. 1-9 March 2012
logo
Nexperia B.V. All right...
PMN70EPE NEXPERIA-PMN70EPE Datasheet
271Kb / 15P
   30 V, P-channel Trench MOSFET
PMV35EPE NEXPERIA-PMV35EPE Datasheet
730Kb / 15P
   30 V, P-channel Trench MOSFET
PMZ1200UPE NEXPERIA-PMZ1200UPE Datasheet
710Kb / 15P
   30 V, P-channel Trench MOSFET
PMPB17EP NEXPERIA-PMPB17EP Datasheet
305Kb / 14P
   30 V, P-channel Trench MOSFET
26 January 2022
PMPB12R5EP NEXPERIA-PMPB12R5EP Datasheet
316Kb / 14P
   30 V, P-channel Trench MOSFET
1 March 2021
PMPB16EP NEXPERIA-PMPB16EP Datasheet
313Kb / 14P
   30 V, P-channel Trench MOSFET
24 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com