Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6283 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # A6283
Description  4.6W DUAL AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A6283 Datasheet(HTML) 5 Page - Unisonic Technologies

  A6283_15 Datasheet HTML 1Page - Unisonic Technologies A6283_15 Datasheet HTML 2Page - Unisonic Technologies A6283_15 Datasheet HTML 3Page - Unisonic Technologies A6283_15 Datasheet HTML 4Page - Unisonic Technologies A6283_15 Datasheet HTML 5Page - Unisonic Technologies A6283_15 Datasheet HTML 6Page - Unisonic Technologies A6283_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
A6283
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R107-047,A
APPLICATION INFORMATION AND APPLICATION METHOD
1. ADJUSTMENT OF VOLTAGE GAIN
The voltage gain GV is obtained as follows by R1, R2 and RF in Fig.1.
GV = 20 log
RF+R1+R2
RF+R1
When RF = 0
GV = 56dB (Typ.)
When RF = 82Ω
GV = 45dB (Typ.)
By increasing RF, reduction of GV is possible, However, since the feedback increase is liable to produce oscillation, it
is recommended to use this at 40dB or over.
5/7
4/8
2/10
AMP
+
-
R1
30Ω
RF
INPUT
R2
20kΩ
OUTPUT
Fig.1.
2. THERMAL SHUT-DOWN CIRCUIT
The thermal shut-down circuit is built in for the purpose of preventing the destruction of IC due to the abnormal
temperature rise when the heat radiation is insufficient.


Similar Part No. - A6283_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A6283-F12-T UTC-A6283-F12-T Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
A6283L-F12-T UTC-A6283L-F12-T Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
More results

Similar Description - A6283_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
   4.6W Dual Audio Power Amplifier
logo
Tiger Electronic Co.,Lt...
KIA6282K TGS-KIA6282K Datasheet
370Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA6283K KEC-KIA6283K Datasheet
176Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
logo
Samsung semiconductor
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
   4.6W DUAL POWER AMP
KA22067 SAMSUNG-KA22067 Datasheet
126Kb / 6P
   4.6W AUDIO POWER AMP (GENERAL DESCRIPTION)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com