Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6283L-F12-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # A6283L-F12-T
Description  4.6W DUAL AUDIO POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

A6283L-F12-T Datasheet(HTML) 6 Page - Unisonic Technologies

  A6283L-F12-T Datasheet HTML 1Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 2Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 3Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 4Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 5Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 6Page - Unisonic Technologies A6283L-F12-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A6283
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-047,A
APPLICATION INFORMATION AND APPLICATION METHOD (Cont.)
3. INPUT STAGE
The input circuit of this IC is as shown in Fig.2.
PNP TR: Q1 is provided in the input circuit so as to make its usage possible without the input coupling capacitor.
However, at pins ⑤ and ⑦, max 60mV offset voltage is produced.
Application after checking volume slide noise is recommended.
For cutting the volume slide noise, inset the input capacitor: CIN in series to interrupt the DC component.
5/7
2/10
+
4/8
6
INPUT
OUTPUT
20kΩ
30Ω
Q2
Q3
Q1
30kΩ
CIN
Pre-GND
to DRIVER
to BIAS
47μF
RF
Fig.2.
4. OSCILLATION PERVENTIVE MEASURES
For oscillation preventive capacitor C6 and C7 between the output terminal and GND, it is recommended to use
polyester film capacitor having good characteristics for temperature and for high frequency.
Since the characteristics of the capacitor is liable to be influenced by the temperature, use this capacitor after the
temperature test to check the oscillation allowance. In addition, as the position of the electrolytic capacitor has a
remarkable influence on the oscillation, connect C10 to VCC at the nearest possible position from power GND.
At using this application with the voltage gain reduced, oscillation is liable to be produced. Apply the capacitor after
checking enough for its capacity, type and mounting position.
5. INPUT VOLTAGE
When the excessive signal is input, turning-up is produced in the clip waveform. The turning-up point is VIN =
300mVRMS (Typ.): VCC = 9V, RL = 4Ω, f = 1kHz : Enough care must be taken for this phenomenon.


Similar Part No. - A6283L-F12-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
A6283L-F12-T UTC-A6283L-F12-T Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
More results

Similar Description - A6283L-F12-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D6283 ETC1-D6283 Datasheet
310Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
A6283 UTC-A6283 Datasheet
293Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
D6282 YONGFUKANG-D6282 Datasheet
119Kb / 6P
   4.6W Dual Audio Power Amplifier
logo
Tiger Electronic Co.,Lt...
KIA6282K TGS-KIA6282K Datasheet
370Kb / 7P
   4.6W DUAL AUDIO POWER AMPLIFIER
logo
KEC(Korea Electronics)
KIA6282K KEC-KIA6282K Datasheet
209Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
KIA6283K KEC-KIA6283K Datasheet
176Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4.6W DUAL AUDIO POWER AMPLIFIER)
logo
Samsung semiconductor
S1A2206D01 SAMSUNG-S1A2206D01 Datasheet
74Kb / 6P
   4.6W AUDIO POWER AMP
S1A0067X01 SAMSUNG-S1A0067X01 Datasheet
61Kb / 6P
   4.6W AUDIO POWER AMP
KA22065 SAMSUNG-KA22065 Datasheet
98Kb / 3P
   4.6W DUAL POWER AMP
KA22067 SAMSUNG-KA22067 Datasheet
126Kb / 6P
   4.6W AUDIO POWER AMP (GENERAL DESCRIPTION)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com