Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2110 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2110
Description  MONAURAL MIC AMP. FOR VIDEO CAMERA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2110 Datasheet(HTML) 4 Page - Unisonic Technologies

  M2110_15 Datasheet HTML 1Page - Unisonic Technologies M2110_15 Datasheet HTML 2Page - Unisonic Technologies M2110_15 Datasheet HTML 3Page - Unisonic Technologies M2110_15 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
M2110
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R105-027.C
TEST CIRCUIT
RL
0.1μF
10kΩ
8
7
6
5
*SW 2 :Output Noise Voltage Test
EXT MIC
Vcc OUT
GND
V+
AMP OUT
1
2
3
4
1μF
0.1μF
0.1μF
47μF
2.2kΩ
Electret
Condenser
MIC.
1
2*
Rg
1kΩ
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - M2110_15

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2110-2545-AL RAF-M2110-2545-AL Datasheet
82Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-2545-SS RAF-M2110-2545-SS Datasheet
82Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-3005-AL RAF-M2110-3005-AL Datasheet
88Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2110-3005-SS RAF-M2110-3005-SS Datasheet
88Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M2110_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2110 NJRC-NJM2110 Datasheet
120Kb / 3P
   MONORAL MIC AMP for VIDEO CAMERA
logo
Rohm
BH6412KN ROHM-BH6412KN Datasheet
201Kb / 6P
   Monaural Audio Interface LSI for Digital still camera
logo
Asahi Kasei Microsystem...
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
logo
Sanyo Semicon Device
LA4265 SANYO-LA4265 Datasheet
267Kb / 8P
   3.5W Monaural Power Amp
logo
Asahi Kasei Microsystem...
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
logo
Sanyo Semicon Device
LA7151 SANYO-LA7151 Datasheet
102Kb / 6P
   Audio/Video Switch for VCR Video Camera Use
logo
Asahi Kasei Microsystem...
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
logo
Silan Microelectronics ...
SA2011 SILAN-SA2011 Datasheet
81Kb / 3P
   MIC AMP IC
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
   MIC AMP IC
logo
Sony Corporation
CXD1217M SONY-CXD1217M Datasheet
154Kb / 12P
   Synchronizing Signal Generator for Video Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com