Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-418-PW-QW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-418-PW-QW
Description  Integral 8쩍-inch RG-174 coax cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-418-PW-QW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-418-PW-QW Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-418-PW-QW DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
Designed for permanent attachment, PW Series 1/4-
wave whips give outstanding performance in a rugged
and cost-effective package. The antenna is attached by
placing its base through a 1/4” hole in the product and
securing it with a nut or by threading it into a PEM-style
insert. This method of attachment is highly secure and
saves the cost of an antenna connector. The antenna is
fed through the base with RG-174 coax cable, which may
be soldered directly to the board or attached using a 50-
ohm connector. Standard cable length is 8.5”. Custom
lengths and terminations are available by special order.
7.01”
(178.0)
0.24”
(6.0)
0.51”
(13.0)
2.05”
(52.0)
0.18”
(4.5)
0.31”
(7.8)
End View
0.57”
(14.5)
* Requires proximity ground plane
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
0.25”
28 TPI
Rev 07-22-08
Typical VSWR
CENTER 418.000MHz
SPAN 200.000MHz
S11 SWR
1.158
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
• Low cost
• Outstanding performance
• Omni-directional pattern
• Wide bandwidth
• Flexible main shaft
• Rugged & weatherized
• Integral 8½-inch RG-174 coax cable
• Use with plastic* or metal enclosures
• Center Freq. 418MHz
• Bandwidth
80MHz
• Wavelength
1/4-wave
• VSWR
<1.9 typ. at center
• Impedance
50 ohms
• Connection
Case-mount
• Cable
8½-inch RG-174 coax
• ANT-418-PW-QW


Similar Part No. - ANT-418-PW-QW

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-418-PW-QW LINX-ANT-418-PW-QW Datasheet
432Kb / 2P
   Designed for permanent attachment
1/26/15
ANT-418-PW-QW-UFL LINX-ANT-418-PW-QW-UFL Datasheet
432Kb / 2P
   Designed for permanent attachment
1/26/15
More results

Similar Description - ANT-418-PW-QW

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG174-6 CRYSTEKMICROWAVE-CCSMA-MM-RG174-6 Datasheet
422Kb / 2P
   RG-174 RF Coax Cable Assemblies
logo
List of Unclassifed Man...
7805 ETC2-7805 Datasheet
105Kb / 4P
   Coax - RG-174 Type
logo
Belden Inc.
8216 BELDEN-8216 Datasheet
229Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-174
logo
General Cable Technolog...
C1156 GENERAL-C1156 Datasheet
38Kb / 1P
   RG 174/U TYPE COAXIAL CABLE
logo
Linx Technologies
CSA-RPSM-216-RSFB LINX-CSA-RPSM-216-RSFB Datasheet
228Kb / 1P
   CONSMA007 to CONREVSMA005, 8.5??RG-174 Cable
1/18/10
CSA-SMAM-216-SAFB LINX-CSA-SMAM-216-SAFB Datasheet
226Kb / 1P
   CONSMA007 to CONSMA005, 8.5 RG-174 Cable
1/18/10
logo
Molex Electronics Ltd.
0732980140 MOLEX11-0732980140 Datasheet
37Kb / 1P
   50 Ohms, BMA Jack, RG-174, RG-188 and RG-316 Cable
0732980140 MOLEX-0732980140_V01 Datasheet
39Kb / 1P
   50 Ohms, BMA Jack, RG-174, RG-188 and RG-316 Cable
logo
Linx Technologies
CONSMA011-G LINX-CONSMA011-G Datasheet
328Kb / 2P
   SMA FEMALE CABLE END CRIMP FOR RG-174 CABLE
21/JAN/19
logo
Molex Electronics Ltd.
0734040710 MOLEX-0734040710_V01 Datasheet
27Kb / 1P
   50 Ohms, SMB Plug, RG-174, RG-188 and RG-316 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com