Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-916-CW-HWR-XXX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-916-CW-HWR-XXX
Description  Standard SMA or Part 15 compliant RP-SMA connector
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-916-CW-HWR-XXX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-916-CW-HWR-XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
ANT-916-CW-HWR-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
HWR Series 1/2-wave center-fed dipole antennas deliver
outstanding performance in a rugged and cosmetically
attractive package. The articulating base allows the
antenna to tilt 90 degrees and rotate 360 degrees. The
antenna's internal counterpoise eliminates external ground
plane dependence and maximizes performance. HWR
Series antennas attach via a standard SMA or Part 15
compliant RP-SMA connector. Custom colors and
connectors are available for volume OEM customers.
5.59”
(142.0)
1.02”
(26.0)
0.32”
(8.2)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
0.39”
(10.0)
4.57”
(116.0)
Polar Plot & Gain Information
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-26-10
• Internal counterpoise
• Low cost
• Tilts and rotates
• Omni-directional pattern
• Outstanding VSWR
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Custom colors and terminations for volume OEMs
• Internal O-ring seal on connector
• Center Freq.
916MHz
• Recmd. Freq. Range
900-930MHz
• Wavelength
1/2-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-916-CW-HWR-RPS (with RP-SMA connector)
• ANT-916-CW-HWR-SMA (with SMA connector)
CENTER 916.000MHz
SPAN 200.000MHz
S11 SWR
1.282


Similar Part No. - ANT-916-CW-HWR-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-916-CW-HW ETC2-ANT-916-CW-HW Datasheet
160Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-HW-SMA ETC2-ANT-916-CW-HW-SMA Datasheet
160Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
More results

Similar Description - ANT-916-CW-HWR-XXX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-315-CW-HWR-RPS LINX-ANT-315-CW-HWR-RPS Datasheet
404Kb / 2P
   Standard SMA or Part 15 compliant RP-SMA connector
8/1/2017
logo
List of Unclassifed Man...
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-CT-RPS ETC2-ANT-2.4-CW-CT-RPS Datasheet
144Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
   Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
   Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
logo
List of Unclassifed Man...
ANT-2.4-CW-RCT-RP ETC2-ANT-2.4-CW-RCT-RP Datasheet
144Kb / 1P
   Standard SMA or Part 15 compliant RP-SMA connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com