Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-DB2-RMG-RP-SM-SM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-DB2-RMG-RP-SM-SM
Description  On-board amplified GPS antenna
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-DB2-RMG-RP-SM-SM Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-DB2-RMG-RP-SM-SM Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The RMG Series combines a high-performance
internal GPS antenna with a connector for
mounting a secondary antenna. A wide range of
connectorized antennas can be attached,
enabling the coverage of all popular frequencies.
The GPS antenna and connector are housed in
a sleek, durable base intended for permanent
through-hole mounting. A separate cable is provided for each
antenna and each may be terminated in a variety of standard or
custom connector types. The cables feed through a threaded
metal post with a flexible compression gasket, which resists the
intrusion of water or dirt, and protects the attachment surface.
The antenna is ideal for vehicular applications, although its range
of applications is virtually unlimited.
Features
ANT-DB2-RMG-xx-yy-zz DATA SHEET
Product Dimensions
Description
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
Specifications
Ordering Information
1.48”
(37.6)
0.15”
(3.8)
0.29”
(7.4)
0.67”
(17.0)
0.20”
(5.0)
0.43”
(10.8)
9/16-24
(13.8)
0.54”
(13.8)
2.09”
(53.0)
1.41”
(35.7)
1.03”
(26.2)
1.73”
(44.0)
2.29”
(58.2)
1/4-36
(6.2)
External antenna characteristics are dependant upon the element chosen
RP-SMA (RP)* or SMA (SM)*
RP-SMA (RP)*, SMA (SM), or MCX (MC)
SMA (SM)*, MCX (MC), or FME (F)
* Standard
External antenna connection
External antenna cable termination
Internal GPS cable termination
• On-board amplified GPS antenna
• Connector for second antenna element
• Wide range of secondary frequencies
• Rugged and water-resistant
• Separate RG-174 cables for each antenna
• Threaded metal stud mount
• Standard and custom cable terminations
INTERNAL GPS ANTENNA
• Frequency
1575.42MHz
• Polarization
RHCP (Right-Hand Circular)
• Gain
27dBi typical
• Noise Figure
1.2 max.
• VSWR
<2.0:1
• Impedance
50 ohms
• Operating Voltage
2.7 to 5.5VDC
• Power Consumption
15-20mA
• Operating Temperature -35 to +85 degrees Celsius
• Storage Temperature
-40 to +95 degrees Celsius
• Cable
5m RG-174
EXTERNAL ANTENNA
• Base Connector
RP-SMA or SMA
• Cable
5m RG-174
• ANT-DB2-RMG-xx-yy-zz


Similar Part No. - ANT-DB2-RMG-RP-SM-SM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-DB1-HDP-RPS ETC2-ANT-DB1-HDP-RPS Datasheet
218Kb / 1P
   TNC, SMA, or RP-SMA connector
ANT-DB1-HDP-SMA ETC2-ANT-DB1-HDP-SMA Datasheet
218Kb / 1P
   TNC, SMA, or RP-SMA connector
ANT-DB1-HDP-TNC ETC2-ANT-DB1-HDP-TNC Datasheet
218Kb / 1P
   TNC, SMA, or RP-SMA connector
ANT-DB1-LP-RM-01-N ETC2-ANT-DB1-LP-RM-01-N Datasheet
534Kb / 1P
   The Antenna Factor Log Periodic antenna is designed for long-distance directional communication over a wide range of frequencies.
logo
Linx Technologies
ANT-DB1-LP-RM-01-N LINX-ANT-DB1-LP-RM-01-N Datasheet
444Kb / 2P
   Excellent performance over common frequency antennas
2/20/2018
More results

Similar Description - ANT-DB2-RMG-RP-SM-SM

ManufacturerPart #DatasheetDescription
logo
WONGSHI ENTERPRISE LIMI...
AHGG.24X ANTENNAHOME-AHGG.24X Datasheet
584Kb / 2P
   Internal GPS, CHIP On Board, GPS/BD Passive Antenna Series
logo
Mitsumi Electronics, Co...
GPA-CG2C5 MITSUMI-GPA-CG2C5 Datasheet
59Kb / 2P
   GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-866.5-P-25-G RALTRON-RPA-GP-866.5-P-25-G Datasheet
177Kb / 2P
   GPS ANTENNA
RPA-GP-1575-A-Y RALTRON-RPA-GP-1575-A-Y Datasheet
119Kb / 1P
   GPS ANTENNA
RST-GP-A-27-SMA-Y RALTRON-RST-GP-A-27-SMA-Y Datasheet
117Kb / 1P
   GPS ANTENNA
RPA-GP-A-16-IPEX-25-G RALTRON-RPA-GP-A-16-IPEX-25-G Datasheet
233Kb / 4P
   GPS ANTENNA
RPA-GP-A-17-IPEX-23-Y RALTRON-RPA-GP-A-17-IPEX-23-Y Datasheet
188Kb / 3P
   GPS ANTENNA
RPA-GP-A-17-IPEX-64-Y RALTRON-RPA-GP-A-17-IPEX-64-Y Datasheet
177Kb / 3P
   GPS ANTENNA
RPA-GP-A-18-IPEX-120-G RALTRON-RPA-GP-A-18-IPEX-120-G Datasheet
172Kb / 3P
   GPS ANTENNA
logo
Mitsumi Electronics, Co...
GPA-CG2C2 MITSUMI-GPA-CG2C2 Datasheet
58Kb / 2P
   GPS Antenna
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com