Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD3061 Datasheet(PDF) 9 Page - Solid State Optronic

Part # TD3061
Description  Trigger Current (15mA MAX)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

TD3061 Datasheet(HTML) 9 Page - Solid State Optronic

  TD3061 Datasheet HTML 1Page - Solid State Optronic TD3061 Datasheet HTML 2Page - Solid State Optronic TD3061 Datasheet HTML 3Page - Solid State Optronic TD3061 Datasheet HTML 4Page - Solid State Optronic TD3061 Datasheet HTML 5Page - Solid State Optronic TD3061 Datasheet HTML 6Page - Solid State Optronic TD3061 Datasheet HTML 7Page - Solid State Optronic TD3061 Datasheet HTML 8Page - Solid State Optronic TD3061 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 9 of 9
TD3061 /H/S/TR
Rev 2.00 (11/12/2013)
001677
TD3061
Zero Volt Switching
600V
Triac Driver
Note:
All weights above are in GRAMS, and include
packaging materials where applicable
Device
Single Unit
Full Tube
(60pcs)
Full Pouch
(10 tubes)
Full Reel
(1000pcs)
TD3061
0.41
43
450
-
TD3061-S
0.40
42
440
-
TD3061-H
0.42
44
460
TD3061-STR
0.40
-
-
880
Solid State Optronics (SSO) makes no warranties or representations with regards to the completeness and accuracy of this document. SSO
reserves the right to make changes to product description, specifications at any time without further notices.
SSO shall not assume any liability arising out of the application or use of any product or circuit described herein. Neither circuit patent
licenses nor indemnity are expressed or implied.
Except as specified in SSO’s Standard Terms & Conditions, SSO disclaims liability for consequential or other damage, and we make no other
warranty, expressed or implied, including merchantability and fitness for particular use.
DISCLAIMER
SSO does not authorize use of its devices in life support applications wherein failure or malfunction of a device may lead to personal injury or
death. Users of SSO devices in life support applications assume all risks of such use and agree to indemnify SSO against any and all
damages resulting from such use. Life support devices are defined as devices or systems which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure to perform when used properly in accordance with instructions for use can be
reasonably expected to result in significant injury to the user, or (d) a critical component of a life support device or system whose failure can be
reasonably expected to cause failure of the life support device or system, or to affect its safety or effectiveness.
LIFE SUPPORT POLICY
TD3061 Package Marking
TD3061 Package Weights
TD3061
YYWW
Date Code
Pin 1


Similar Part No. - TD3061

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3062 SSOUSA-TD3062 Datasheet
448Kb / 9P
   Zero-Volt Switching
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
More results

Similar Description - TD3061

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3083 SSOUSA-TD3083 Datasheet
441Kb / 9P
   Trigger Current (5mA MAX)
logo
Maxim Integrated Produc...
MAX6279EVKIT MAXIM-MAX6279EVKIT Datasheet
818Kb / 4P
   Wide Operating Current Range: 60μA to 15mA
Rev 0; 10/18
logo
Linear Technology
LTC1875 LINER-LTC1875 Datasheet
257Kb / 20P
   15mA Quiescent Current 1.5A Monolithic Synchronous Step-Down Regulator
LTC1879 LINER-LTC1879 Datasheet
261Kb / 20P
   1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current
logo
New Jersey Semi-Conduct...
2N6068 NJSEMI-2N6068 Datasheet
84Kb / 1P
   PEEK GATE TRIGGER CURRENT
logo
SemiHow Co.,Ltd.
BT134-600 SEMIHOW-BT134-600 Datasheet
551Kb / 6P
   Sensitive Gate Trigger Current
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
logo
Sanyo Semicon Device
SB0015-03A SANYO-SB0015-03A Datasheet
58Kb / 2P
   30V,15mA Detection Applications
logo
SUNMATE electronic Co.,...
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
logo
Mallory Sonalert Produc...
ZA028MDMT2 MSPI-ZA028MDMT2 Datasheet
133Kb / 1P
   Current Draw: 40mA MAX
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com