Electronic Components Datasheet Search |
|
MAX6309UK32D3-T Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX6309UK32D3-T Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 16 page 5-Pin, Multiple-Input, Programmable Reset ICs _______________________________________________________________________________________ 3 nA -25 25 IRST IN_ RST IN Input Current V 1.20 1.26 VRSTH RST IN Input Threshold 1.21 1.23 1.25 µs 1 MR Minimum Input Pulse V 0.7 x VCC VIL MR Input 0.3 x VCC 2.4 0.8 0V < VRST IN_ < VCC - 0.3V TA = 0°C to +70°C TA = +25°C UNITS MIN TYP MAX SYMBOL PARAMETER VTH < 4.0V VTH > 4.0V CONDITIONS ELECTRICAL CHARACTERISTICS (continued) (VCC = +2.5V to +5.5V for the MAX6305/MAX6308/MAX6311, VCC = (VTH + 2.5%) to +5.5V for the MAX6306/MAX6307/MAX6309/ MAX6310/MAX6312/MAX6313; TA = 0°C to +70°C; unless otherwise noted. Typical values are at TA = +25°C.) RST IN Hysteresis 2.5 mV VIL Note 1: The MAX6305/MAX6308/MAX6311 switch from undervoltage reset to normal operation between 1.5V < VCC < 2.5V. Note 2: The MAX6306/MAX6307/MAX6309/MAX6310/MAX6312/MAX6313 monitor VCC through an internal factory-trimmed voltage divider, which programs the nominal reset threshold. Factory-trimmed reset thresholds are available in approximately 100mV increments from 2.5V to 5V (Table 1). k Ω 32 63.5 100 MR Pull-Up Resistance nsV 500 MR to Reset Delay µs 0.1 MR Glitch Rejection MANUAL-RESET INPUT (MAX6306/MAX6309/MAX6312) ADJUSTABLE RESET COMPARATOR INPUTS VIH VIH |
Similar Part No. - MAX6309UK32D3-T |
|
Similar Description - MAX6309UK32D3-T |