Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP51L Datasheet(PDF) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BAP51L
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BAP51L Datasheet(HTML) 3 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  BAP51L_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BAP51L_15 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 14554
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 March 2005
3 of 8
Philips Semiconductors
BAP51L
Silicon PIN diode
s
21
2
insertion loss
IF = 0.5 mA; see Figure 3
f = 900 MHz
-
0.4
-
dB
f = 1800 MHz
-
0.39
-
dB
f = 2450 MHz
-
0.4
-
dB
s212
insertion loss
IF = 1 mA; see Figure 3
f = 900 MHz
-
0.26
-
dB
f = 1800 MHz
-
0.26
-
dB
f = 2450 MHz
-
0.27
-
dB
s212
insertion loss
IF = 10 mA; see Figure 3
f = 900 MHz
-
0.11
-
dB
f = 1800 MHz
-
0.11
-
dB
f = 2450 MHz
-
0.12
-
dB
s212
insertion loss
IF = 100 mA; see Figure 3
f = 900 MHz
-
0.07
-
dB
f = 1800 MHz
-
0.07
-
dB
f = 2450 MHz
-
0.09
-
dB
τL
charge carrier life time
when switched from
IF =10mAtoIR = 6 mA;
RL = 100 Ω;
measured at IR =3mA
-
0.55
-
µs
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.6
-
nH
Table 6:
Electrical characteristics …continued
Tj = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f = 100 MHz; Tj =25 °C
f = 1 MHz; Tj =25 °C
Fig 1.
Forward resistance as a function of forward
current; typical values
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
IF (mA)
10−1
102
10
1
001aac397
10
1
102
rD
(
Ω)
10−1
VR (V)
020
15
510
001aac396
200
100
300
400
Cd
(fF)
0


Similar Part No. - BAP51L_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP51LX NXP-BAP51LX Datasheet
65Kb / 8P
   Silicon PIN diode
Rev. 01-26 June 2007
BAP51LX NXP-BAP51LX Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BAP51LX PHILIPS-BAP51LX_15 Datasheet
233Kb / 9P
   Silicon PIN diode
Rev. 2-6 August 2013
logo
Quanzhou Jinmei Electro...
BAP51L_2015 JMNIC-BAP51L_2015 Datasheet
56Kb / 8P
   Silicon PIN diode
More results

Similar Description - BAP51L_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com