Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4066B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD4066B-Q1
Description  CMOS QUAD BILATERAL SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4066B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  CD4066B-Q1_15 Datasheet HTML 1Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 2Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 3Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 4Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 5Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 6Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 7Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 8Page - Texas Instruments CD4066B-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SIG A IN/OUT
SIG A OUT/IN
SIG B OUT/IN
SIG B IN/OUT
CONTROL B
CONTROL C
VSS
VDD
CONTROL A
CONTROL D
SIG D IN/OUT
SIG D OUT/IN
SIG C OUT/IN
SIG C IN/OUT
E, F, M, NS, OR PW PACKAGE
(TOP VIEW)
CD4066B-Q1
www.ti.com
SCHS383
– APRIL 2011
CMOS QUAD BILATERAL SWITCH
Check for Samples: CD4066B-Q1
1
FEATURES
5-V, 10-V, and 15-V Parametric Ratings
Latch-Up Exceeds 100mA per JESD78 - Class I
Qualified for Automotive Applications
Meets All Requirements of JEDEC Tentative
15-V Digital or
±7.5-V Peak-to-Peak Switching
Standard No. 13-B, Standard Specifications for
125-
Ω Typical On-State Resistance for 15-V
Description of "B" Series CMOS Devices
Operation
Switch On-State Resistance Matched to Within
APPLICATIONS
5
Ω Over 15-V Signal-Input Range
Analog Signal Switching/Multiplexing: Signal
On-State Resistance Flat Over Full
Gating, Modulator, Squelch Control,
Peak-to-Peak Signal Range
Demodulator, Chopper, Commutating Switch
High On/Off Output-Voltage Ratio: 80 dB
Digital Signal Switching/Multiplexing
Typical at fis = 10 kHz, RL = 1 kΩ
Transmission-Gate Logic Implementation
High Degree of Linearity:
<0.5% Distortion
Analog-to-Digital and Digital-to-Analog
Typical at fis = 1 kHz, Vis = 5 V p-p,
Conversion
VDD – VSS ≥ 10 V, RL = 10 kΩ
Digital Control of Frequency, Impedance,
Extremely Low Off-State Switch Leakage,
Phase, and Analog-Signal Gain
Resulting in Very Low Offset Current and High
Effective Off-State Resistance: 10 pA Typical
at VDD – VSS = 10 V, TA = 25°C
Extremely High Control Input Impedance
(Control Circuit Isolated From Signal Circuit):
1012
Ω Typical
Low Crosstalk Between Switches:
–50 dB
Typical at fis = 8 MHz, RL = 1 kΩ
Matched Control-Input to Signal-Output
Capacitance: Reduces Output Signal
Transients
Frequency Response, Switch On = 40 MHz
Typical
100% Tested for Quiescent Current at 20 V
DESCRIPTION/ORDERING INFORMATION
The CD4066B-Q1 is a quad bilateral switch intended for the transmission or multiplexing of analog or digital
signals. It is pin-for-pin compatible with the CD4016B, but exhibits a much lower on-state resistance. In addition,
the on-state resistance is relatively constant over the full signal-input range.
The CD4066B-Q1 consists of four bilateral switches, each with independent controls. Both the p and the n
devices in a given switch are biased on or off simultaneously by the control signal. As shown in Figure 1, the well
of the n-channel device on each switch is tied to either the input (when the switch is on) or to VSS (when the
switch is off). This configuration eliminates the variation of the switch-transistor threshold voltage with input signal
and, thus, keeps the on-state resistance low over the full operating-signal range.
The advantages over single-channel switches include peak input-signal voltage swings equal to the full supply
voltage and more constant on-state impedance over the input-signal range. However, for sample-and-hold
applications, the CD4016B is recommended.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CD4066B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066B TI1-CD4066B_14 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_18 Datasheet
1Mb / 33P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066B-Q1 TI1-CD4066B-Q1_14 Datasheet
327Kb / 17P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
logo
Intersil Corporation
CD4016BMS INTERSIL-CD4016BMS Datasheet
201Kb / 10P
   CMOS Quad Bilateral Switch
November 1994
logo
Texas Instruments
CD4066B TI-CD4066B Datasheet
547Kb / 20P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI-CD4066B_15 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4016B TI1-CD4016B_14 Datasheet
994Kb / 19P
[Old version datasheet]   CMOS Quad Bilateral Switch
CD4066BMG4 TI-CD4066BMG4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066BM96G4 TI-CD4066BM96G4 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
CD4066B TI1-CD4066B_16 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com