Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA5417L-J15-A-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # PA5417L-J15-A-T
Description  HIGH-OUTPUT DUAL POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA5417L-J15-A-T Datasheet(HTML) 6 Page - Unisonic Technologies

  PA5417L-J15-A-T Datasheet HTML 1Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 2Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 3Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 4Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 5Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 6Page - Unisonic Technologies PA5417L-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PA5417
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R107-049,B
TYPICAL CHARACTERISTICS
OTL Mode
0
Rated Output Power vs. Power Supply
Voltage
20
2
6
10
515
Power Supply Voltage, VCC (V)
RL = 8Ω
0
12
20
10
30
50
416
Power Supply Voltage, VCC (V)
RL = 4Ω
RL = 3Ω
THD = 10%
f = 1kHz
DIN AUDIO
Input both channels
0
4
8
10
0
20
40
8
100
300
500
0
200
400
IQ
ISTNBY
(Standby pin supply current)
Quiescent Standby Pin Supply Current
vs. Power Supply Voltage
VSTNBY=VCC
0
12
20
2
6
12
416
Power Supply Voltage, VCC (V)
0
4
10
8
Maximum Power Dissipation vs.
Power Supply Voltage
RL = 3Ω
RL = 8Ω
RL = 4Ω
24
8
OTL Stereo
100k
10
30
50
100
10k
Frequency, f (Hz)
0
20
40
1k
Closed Loop Gain vs. Frequency
60
T=Normal
VCC=9V
RL=6Ω
1~10k ··· DIN AUDIO
ι
10k~ ··· WIDE BAND
OTL=(Stereo)
CNF=100μF
CNF=47μF
CNF=22μF


Similar Part No. - PA5417L-J15-A-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA5417L-J15-A-T UTC-PA5417L-J15-A-T Datasheet
139Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
More results

Similar Description - PA5417L-J15-A-T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5417 ROHM-BA5417 Datasheet
156Kb / 7P
   High-output dual power amplifier
logo
Unisonic Technologies
BA5417 UTC-BA5417_15 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Rohm
BA5415A ROHM-BA5415A Datasheet
257Kb / 10P
   High-output dual power amplifier
logo
Unisonic Technologies
PA5417 UTC-PA5417 Datasheet
139Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
BA5417 UTC-BA5417 Datasheet
241Kb / 7P
   HIGH-OUTPUT DUAL POWER AMPLIFIER
logo
Texas Instruments
CLC5622 TI1-CLC5622 Datasheet
1Mb / 23P
[Old version datasheet]   Dual, High Output, Video Amplifier
logo
National Semiconductor ...
CLC5602 NSC-CLC5602 Datasheet
182Kb / 12P
   Dual, High Output, Video Amplifier
CLC5622 NSC-CLC5622 Datasheet
180Kb / 12P
   Dual, High Output, Video Amplifier
logo
Cadeka Microcircuits LL...
CLC2000 CADEKA-CLC2000 Datasheet
2Mb / 18P
   High Output Current Dual Amplifier
logo
American Microsemicondu...
TDA1516Q AMMSEMI-TDA1516Q Datasheet
11Kb / 1P
   Dual-Channel Audio Power/Output Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com