Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TDA2030A
Description  18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030A Datasheet(HTML) 1 Page - Unisonic Technologies

  TDA2030A_15 Datasheet HTML 1Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 2Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 3Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 4Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 5Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 6Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 7Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 8Page - Unisonic Technologies TDA2030A_15 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA2030A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 14
Copyright © 2007 Unisonic Technologies Co., Ltd
QW-R107-005,C
18W HI-FI AUDIO AMPLIFIER
AND 35W DRIVER
DESCRIPTION
The UTC TDA2030A is a monolithic IC intended for use as
low frequency class AB amplifier.
With Vs=max=44V it is particularly suited for more reliable
applications without regulated supply and for 35W driver circuits
using low-cost complementary pairs.
The UTC TDA2030A provides high output current and has
very low harmonic and cross-over distortion.
Further the device incorporates a short circuit protection
system comprising and arrangement for automatically limiting
the dissipated power so as to keep the working point of the
output transistors within their safe operating area. A
conventional thermal shut-down system is also included.
*Pb-free plating product number: TDA2030AL
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
TDA2030A-TA5-T
TDA2030AL-TA5-T
TO-220-5
Tube
TDA2030A-TB5-T
TDA2030AL-TB5-T
TO-220B
Tube
TDA2030AL-TA5-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube
(2) TA5: TO-220-5, TB5: TO-220B
(3) L: Lead Free Plating, Blank: Pb/Sn
PIN CONFIGURATION
PIN NO.
PIN NAME
1
Non inverting input
2
Inverting input
3
-VS
4
Output
5
+VS


Similar Part No. - TDA2030A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
More results

Similar Description - TDA2030A_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
   18W Hi-Fi AMPLIFIER AND DRIVER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com