Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030A-TA5-T Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TDA2030A-TA5-T
Description  18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2030A-TA5-T Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TDA2030A-TA5-T Datasheet HTML 6Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 7Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 8Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 9Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 10Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 11Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 12Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 13Page - Unisonic Technologies TDA2030A-TA5-T Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 14
www.unisonic.com.tw
QW-R107-005,C
TRANSIENT INTER-MODULATION DISTORTION(TIM)
Transient inter-modulation distortion is an unfortunate phenomena associated with negative-feedback amplifiers.
When a feedback amplifier receives an input signal which rises very steeply, i.e. contains high-frequency
components, the feedback can arrive too late so that the amplifiers overloads and a burst of inter-modulation
distortion will be produced as in Fig.5. Since transients occur frequently in music this obviously a problem for the
designed of audio amplifiers. Unfortunately, heavy negative feedback is frequency used to reduce the total harmonic
distortion of an amplifier, which tends to aggravate the transient inter-modulation (TIM situation.)
20 to 40W
Amplifier
20 to 40W
Amplifier
20 to 40W
Amplifier
20 to 40W
Amplifier
PRE AMPLIFIER
POWER
AMPLIFIER
FEEDBACK
PATH
INPUT
V1
V2
V3
V4
¦ÂV4
OUTPUT
V1
V2
V3
V4
Fig.4 High Power Active Box For Musical Instrument
Fig.5 Overshoot Phenomenon In Feedback Amplifiers
The best known method for the measurement of TIM consists of feeding sine waves superimposed onto square
wavers, into the amplifier under test. The output spectrum is then examined using a spectrum analyzer and
compared to the input. This method suffers from serious disadvantages: the accuracy is limited, the measurement is
a tatter delicate operation and an expensive spectrum analyzer is essential.
The "inverting-sawtooth" method of measurement is based on the response of an amplifier to a 20KHz saw-tooth
wave-form. The amplifier has no difficulty following the slow ramp but it cannot follow the fast edge. The output will
follow the upper line in Fig. 6 cutting of the shade area and thus increasing the mean level. If this output signal is
filtered to remove the saw-tooth, direct voltage remains which indicates the amount of TIM distortion, although it is
difficult to measure because it is indistinguishable from the DC offset of the amplifier. This problem is neatly avoided
in the IS-TIM method by periodically inverting the saw-tooth wave-form at a low audio frequency as shown in Fig.7.In
the case of the saw-tooth in Fig. 8 the mean level was increased by the TIM distortion, for a saw-tooth in the other
direction the opposite is true.
m2
m1
SR(V/ s)
Input
Signal
Filtered
Output
Siganal
Fig.6 20kHz Sawtooth Waveform
Fig. 7 Inverting Sawtooth Waveform


Similar Part No. - TDA2030A-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A-TA5-T UTC-TDA2030A-TA5-T Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
More results

Similar Description - TDA2030A-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A Datasheet
224Kb / 14P
   18W HI-FI AUDIO AMPLIFIER AND 35W DRIVER
logo
STMicroelectronics
TDA2030A STMICROELECTRONICS-TDA2030A Datasheet
238Kb / 15P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
List of Unclassifed Man...
UTC2030 ETC1-UTC2030 Datasheet
174Kb / 14P
   18W Hi-Fi AMPLIFIER AND 35W DRIVER
logo
Hangzhou Youwang Electr...
UTC2030 YOUWANG-UTC2030 Datasheet
171Kb / 14P
   18W Hi-Fi AMPLIFIER AND DRIVER
logo
Wuxi Youda electronics ...
YD2030 YOUDA-YD2030 Datasheet
76Kb / 4P
   18W HI-FI AUDIO AMPLIFIER
logo
Unisonic Technologies
UTCTDA2030 UTC-UTCTDA2030 Datasheet
182Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com