Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2822H Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TDA2822H
Description  DUAL LOW VOLTAGE POWER AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA2822H Datasheet(HTML) 3 Page - Unisonic Technologies

  TDA2822H_15 Datasheet HTML 1Page - Unisonic Technologies TDA2822H_15 Datasheet HTML 2Page - Unisonic Technologies TDA2822H_15 Datasheet HTML 3Page - Unisonic Technologies TDA2822H_15 Datasheet HTML 4Page - Unisonic Technologies TDA2822H_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TDA2822H
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R107-016.C
ABSOLUTE MAXIMUM RATINGS (TA =25C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
15
V
Output Peak Current
IO(peak)
1
A
Power Dissipation
TA=50C
DIP-8
PD
1.0
W
TC=50C
1.4
W
TA=50C
SOP-8
0.5
W
Operating Temperature
TOPR
-20~+85
C
Storage Temperature
TSTG
-40 ~ +150
C
ELECTRICAL CHARACTERISTICS (TA=25C, VCC=4.5V, BTL parameter, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Operating Supply Voltage
VCC
1.8
6
V
Quiescent Circuit Current
ICCQ
RL=
9
mA
Output Offset Voltage
VOS
RL=8Ω
50 mV
Input Base Current
IB
100
nA
Output Power
PO
f=1kHz, THD=10%
RL=32Ω
VCC=6V
300 320
mW
VCC=4.5V
200
VCC=3V
50
65
VCC=2V
8
RL=16Ω
VCC=6V
600
VCC=3V
120
RL=8Ω
VCC=4.5V
700
VCC=3V
220
RL=4Ω
VCC=3V
200 350
Total Harmonic Distortion
THD
Po=0.5W, RL=8Ω, Po=1kHz
0.2
%
Closed Loop Voltage Gain
AVF
f=1kHz
39
dB
Input Resistance
ZIN
f=1kHz
100
kΩ
Total Input Noise
eN
Rs=10kΩ
B=22Hz ~ 22KHz
3
μV
Supply Voltage Rejection
SVR
f=100Hz
40
dB
Power Bandwidth
BWp
RL=8Ω, Po=1W
120
kHz


Similar Part No. - TDA2822H_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
   DUAL LOW VOLTAGE POWER AMPLIFIER
More results

Similar Description - TDA2822H_15

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2073M-TE2 NJRC-NJM2073M-TE2 Datasheet
283Kb / 11P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Unisonic Technologies
TDA2822 UTC-TDA2822_15 Datasheet
145Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Hangzhou Youwang Electr...
UTC2822H YOUWANG-UTC2822H Datasheet
93Kb / 5P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
New Japan Radio
NJM2076 NJRC-NJM2076 Datasheet
250Kb / 8P
   DUAL LOW VOLTAGE POWER AMPLIFIER?
logo
First Components Intern...
TDA2822M FCI-TDA2822M Datasheet
409Kb / 9P
   DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Tiger Electronic Co.,Lt...
NJM2076 TGS-NJM2076 Datasheet
252Kb / 6P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
STMicroelectronics
TDA2822M STMICROELECTRONICS-TDA2822M Datasheet
362Kb / 11P
   DUAL LOW-VOLTAGE POWER AMPLIFIER
logo
Avic Technology
AV2822 AVICTEK-AV2822 Datasheet
182Kb / 5P
   DUAL LOW VOLTAGE POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2822 ANPEC-APA2822 Datasheet
91Kb / 9P
   Dual Low-Voltage Power Amplifier
logo
Unisonic Technologies
TDA2822 UTC-TDA2822 Datasheet
79Kb / 5P
   DUAL LOW VOLTAGE POWER AMPLIFIER
TDA2822H UTC-TDA2822H Datasheet
82Kb / 3P
   DUAL LOW VOLTAGE POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com