Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7269 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # TDA7269
Description  14W STEREO AMPLIFIER WITH MUTE & STAND-BY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7269 Datasheet(HTML) 4 Page - Unisonic Technologies

  TDA7269_15 Datasheet HTML 1Page - Unisonic Technologies TDA7269_15 Datasheet HTML 2Page - Unisonic Technologies TDA7269_15 Datasheet HTML 3Page - Unisonic Technologies TDA7269_15 Datasheet HTML 4Page - Unisonic Technologies TDA7269_15 Datasheet HTML 5Page - Unisonic Technologies TDA7269_15 Datasheet HTML 6Page - Unisonic Technologies TDA7269_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TDA7269
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R107-053.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
DC Supply Voltage
VCC
±22
V
Output Power Current (internally limited)
IOUT
3
A
Total Power Dissipation (TA=70°C)
PD
40
W
Operating Temperature
TOPR
0 ~ +70
°C
Storage and Junction Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Case
θJC
2.8
°C/W
ELECTRICAL CHARACTERISTICS
(VCC =±16V; RL =8Ω; RS =50Ω; GV =30dB, f =1KHz; TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP MAX UNIT
Supply Voltage Range
VCC
RL= 8Ω
±5
±20
V
RL= 4Ω
±5
±15
V
Total Quiescent Current
IQ
60
100
mA
INPUT SECTION
Input Offset Voltage
VI(OFF)
-25
25
mV
Bias Current
IBIAS
500
nA
Input Resistance
RIN
15
20
KΩ
OUTPUT SECTION
Output Power
POUT
THD=10%
VCC=±16V, RL= 8Ω
12
14
W
VCC=±12.5V, RL= 4Ω
8
10
W
THD = 1%
VCC= ±16V, RL= 8Ω
9
11
W
VCC=±12.5V, RL= 4Ω
6
7.5
W
Total Harmonic Distortion
THD
RL= 8Ω; POUT= 1W; f = 1KHz;
0.03
%
RL= 8Ω; POUT=0.1 to 7W
f = 100Hz ~ 15KHz
0.7
%
RL= 4Ω; POUT= 1W; f = 1KHz
0.02
%
RL= 4Ω; VCC= ±10V, POUT=0.1 ~ 5W
f = 100Hz ~ 15KHz
1
%
Cross Talk
CT
f = 1KHz
70
dB
f = 10KHz
50
60
dB
Slew Rate
SR
6.5
10
V/μs
Open Loop Voltage Gain
GVO
80
dB
Total Output Noise
eN
A Curve
3
μV
f = 20Hz to 22KHz
4
8
μV
Supply Voltage Rejection
(each channel)
SVR
f = 100Hz; VR= 0.5V
60
dB
THERMAL PROTECTION
Thermal Shut-down Junction
Temperature
TJ
145
°C
MUTE FUNCTION [ref: +VCC] (Note)
Mute /Play Threshold
VTMUTE
-7
-6
-5
V
Mute Attenuation
AMUTE
60
70
dB
STAND-BY FUNCTIONS [ref: +VCC] (only for Split Supply)
Stand-by Mute threshold
VTST-BY
-3.5
-2.5
-1.5
V
Stand-by Attenuation
AST-BY
110
dB
Quiescent Current ( Stand-by)
IQ(ST-BY)
3
6
mA
Note: In mute condition the current drawn from Pin 5 must be ≤650μA


Similar Part No. - TDA7269_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
More results

Similar Description - TDA7269_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269 Datasheet
244Kb / 7P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
PA9069A UTC-PA9069A_09 Datasheet
234Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
TDA7269 UTC-TDA7269_17 Datasheet
224Kb / 8P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269A STMICROELECTRONICS-TDA7269A Datasheet
54Kb / 7P
   1414W STEREO AMPLIFIER WITH MUTE & ST-BY
logo
Unisonic Technologies
TDA7265 UTC-TDA7265_15 Datasheet
294Kb / 9P
   25W STEREO AMPLIFIER WITH MUTE STAND-BY
TDA7265 UTC-TDA7265 Datasheet
244Kb / 8P
   25W25W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Wuxi Youda electronics ...
YD7265 YOUDA-YD7265 Datasheet
96Kb / 4P
   25W STEREO AMPLIFIER WITH MUTE AND STAND-BY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com