Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7266L-J15-D-T Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TDA7266L-J15-D-T
Description  7W DUAL BRIDGE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA7266L-J15-D-T Datasheet(HTML) 7 Page - Unisonic Technologies

  TDA7266L-J15-D-T Datasheet HTML 1Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 2Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 3Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 4Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 5Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 6Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 7Page - Unisonic Technologies TDA7266L-J15-D-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TDA7266
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R107-037,C
APPLICATION SUGGESTION(Cont.)
For Low Cost Application
In low cost applications where the mP is not present, the suggested circuit is shown in Fig 3.
The ST-BY and mute terminals are tied together and they are connected to the supply line via an external voltage
divider.
The device is switched-on/off from the supply line and the external capacitor C4 is intended to delay the ST-BY
and MUTE threshold exceeding, avoiding “Popping” problems.
C1
470µF
C2
100nF
Vcc
13
3
1
2
15
14 OUT2-
OUT2+
OUT1-
OUT1+
PW-GND
MUTE
IN2
ST-BY
IN1
S-GND
7
4
9
12
6
8
C3
0.22µF
C5
0.22µF
R1
47k
R2
47k
Vcc
C4
10µF
TDA7266
Fig 3 Stand Alone Low Cost Application


Similar Part No. - TDA7266L-J15-D-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA7266L-J15-D-T UTC-TDA7266L-J15-D-T Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
More results

Similar Description - TDA7266L-J15-D-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266SA STMICROELECTRONICS-TDA7266SA Datasheet
522Kb / 11P
   7W7W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
logo
Unisonic Technologies
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
   77W DUAL BRIDGE AMPLIFIER
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
   77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266M STMICROELECTRONICS-TDA7266M Datasheet
109Kb / 9P
   7W MONO BRIDGE AMPLIFIER
TBA810P STMICROELECTRONICS-TBA810P Datasheet
70Kb / 3P
   7W AUDIO AMPLIFIER
logo
National Semiconductor ...
LM383 NSC-LM383 Datasheet
92Kb / 6P
   7W Audio Power Amplifier
logo
NEC
UPC1242H NEC-UPC1242H Datasheet
368Kb / 7P
   7W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
STK4352 SANYO-STK4352 Datasheet
465Kb / 6P
   AF Power Amplifier (7W 7W min, THD = 1.0%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com