Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT-SKN-V1-3.15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-SKN-V1-3.15
Description  Gives cosmetically attractive, professional appearance
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-SKN-V1-3.15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-SKN-V1-3.15 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ANT-SKN-V1-x.xx DATA SHEET
Product Dimensions
Description
Features
Ordering Information
These low-cost sleeves provide your customer
with the ruggedness and cosmetic appeal of
expensive whip antennas, but are hollow to
cover the low-cost internal element of a user's
choosing, such as a wire, rod, or flexible shaft.
The sleeve is designed to allow a wide range of
mounting options in metal or plastic housings of
various thicknesses. Ant-Skins can also reduce
your parts inventory since a wide range of
frequency lengths can be accommodated by a
single sleeve.
Rev 08-24-09
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Hole
Clamp
Molded Slot
Ø0.375”
(9.5)
Ø0.325”
(8.3)
Ø0.275”
(7.0)
Ø0.245”
(6.2)
Ø0.400”
(10.2)
0.100”
(2.5)
0.115”
(2.9)
0.400”
(10.2)
0.350”
(8.9)
Ø0.400”
(8.9)
Ø0.110”
(2.8)
3.15”
(80.0)
4.25”
(108.0)
1.50”
(38.0)
Ø0.265”
(6.7)
0.079”
(2.0)
0.063”
(1.6)
0.058”
(1.5)
0.038”
(1.0)
0.028”
(0.7)
Ø0.275”
(7.0)
Ø0.325”
(8.3)
Ø0.060”
(1.5)
Ø0.200”
(5.1)
0.090”
(2.3)
0.060”
(1.5)
• Recesses provided to accommodate six different enclosure
thicknesses by simply pulling the Ant-Skin through the case
until it is in the correct position
• Generous cavity to accommodate many different elements,
including flexible cable, wire, or rod
• Squared base for permanent spin-proof mounting option
• Cost-effective
• Gives cosmetically attractive, professional appearance
• ANT-SKN-V1-1.50 (1.5” antenna cover)
• ANT-SKN-V1-3.15 (3.15” antenna cover)
• ANT-SKN-V1-4.25 (4.25” antenna cover)


Similar Part No. - ANT-SKN-V1-3.15

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-1.4-CW-HW LINX-ANT-1.4-CW-HW Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
ANT-1.4-CW-HW-SMA LINX-ANT-1.4-CW-HW-SMA Datasheet
324Kb / 2P
   Rugged & damage-resistant
4/28/14
ANT-1.4-CW-HWR LINX-ANT-1.4-CW-HWR Datasheet
391Kb / 2P
   Rugged & damage-resistant
8/1/2017
logo
List of Unclassifed Man...
ANT-1.4-CW-HWR-RPS ETC2-ANT-1.4-CW-HWR-RPS Datasheet
120Kb / 1P
   Custom colors and terminations for volume OEMs
logo
Linx Technologies
ANT-1.4-CW-HWR-RPS LINX-ANT-1.4-CW-HWR-RPS Datasheet
391Kb / 2P
   Rugged & damage-resistant
8/1/2017
More results

Similar Description - ANT-SKN-V1-3.15

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-418-CW-HWR LINX-ANT-418-CW-HWR Datasheet
403Kb / 2P
   HWR Series antennas deliver outstanding performance in a rugged and cosmetically attractive package.
8/1/2017
logo
Laird Tech Smart Techno...
S2307 LSTD-S2307 Datasheet
596Kb / 1P
   Attractive styling
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
logo
HB Electronic Component...
G60-PA-12W-W6-E27 HB-G60-PA-12W-W6-E27 Datasheet
515Kb / 2P
   Lens Appearance
MR16-36PCS-W6-GU10 HB-MR16-36PCS-W6-GU10 Datasheet
1Mb / 2P
   Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
   Lens Appearance
STR2-16G-130 HB-STR2-16G-130 Datasheet
54Kb / 2P
   Lens Appearance
G60-9W-W6-E27 HB-G60-9W-W6-E27 Datasheet
354Kb / 2P
   Lens Appearance
G60-9W-W3-E27 HB-G60-9W-W3-E27 Datasheet
353Kb / 2P
   Lens Appearance
GU60-5W-W3-E27 HB-GU60-5W-W3-E27 Datasheet
344Kb / 2P
   Lens Appearance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com