Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A02 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 10A02
Description  10 Amp Rectifier 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

10A02 Datasheet(HTML) 1 Page - Micro Commercial Components

  10A02 Datasheet HTML 1Page - Micro Commercial Components 10A02 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A01
THRU
10A07
10 Amp
Rectifier
50 to 1000 Volts
Features
Diffused Junction
High Current Capability and Low Forward Voltage Drop
Surge Overload Rating to 600A Peak
Low Reverse Leakage Current
Plastic Material - UL Flammability Classification 94V-0
Maximum Ratings
Operating Temperature: -55
°C to +125°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
10A01
---
50V
35V
50V
10A02
---
100V
70V
100V
10A03
---
200V
140V
200V
10A04
---
400V
280V
400V
10A05
---
600V
420V
600V
10A06
---
800V
560V
800V
10A07
---
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
10 A
TA = 50
°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 10A;
TA = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TA = 25
°C
TA =
100°C
Typical Junction
Capacitance
CJ
Resistance Junction
to Ambien
RQJA
10K/W
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
R-6
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
A
B
D
D
C
Cathode
www.mccsemi.com
150pF
Typical Thermal
Measured at
1.0MHz, VR=4.0V
 omponents
21201 Itasca Street Chatsworth

 !"#
$%   !"#
MCC


Similar Part No. - 10A02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A02 DIODES-10A02 Datasheet
48Kb / 2P
   10A RECTIFIER
DS28010 Rev. B-2
10A02 DIODES-10A02 Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
logo
Taiwan Semiconductor Co...
10A02 TSC-10A02 Datasheet
60Kb / 2P
   10.0 AMPS. Silicon Rectifiers
logo
Shanghai Lunsure Electr...
10A02 CHENYI-10A02 Datasheet
51Kb / 2P
   10Amp Rectifier 50to1000Volts
logo
EIC discrete Semiconduc...
10A02 EIC-10A02 Datasheet
40Kb / 2P
   SILICON RECTIFIER DIODES
More results

Similar Description - 10A02

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
10A01 MCC-10A01_13 Datasheet
442Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
10A01 MCC-10A01_11 Datasheet
456Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts
FR1001 MCC-FR1001 Datasheet
398Kb / 4P
   10 Amp Rectifier 50 to 1000 Volts
S10A MCC-S10A_13 Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A-TP MCC-S10A-TP Datasheet
320Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S10A MCC-S10A_11 Datasheet
300Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR10A MCC-FR10A_13 Datasheet
267Kb / 4P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
10A01GP MCC-10A01GP Datasheet
472Kb / 3P
   10 Amp Rectifier 50 to 1000 Volts Glass Passivated
FR10A MCC-FR10A Datasheet
621Kb / 3P
   10 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com