Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP1102-98F Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHP1102-98F
Description  S-Band 6-bit Phase Shifter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP1102-98F Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHP1102-98F_15 Datasheet HTML 1Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 2Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 3Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 4Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 5Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 6Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 7Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 8Page - United Monolithic Semiconductors CHP1102-98F_15 Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CHP1102-98F
RoHS COMPLIANT
Ref. : DSCHP11022305 - 31 Oct 12
1/10
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
S-Band 6-bit Phase Shifter
GaAs Monolithic Microwave IC
Description
AMP1
Phase
shifter
in
out
AMP2
V-
A1
A6
V+
The CHP1102-98F is 6-bit phase shifter with
an amplifier at its input and output. The
circuit is driven by a TTL compatible parallel
interface. It is designed for radar systems.
The circuit is manufactured with a power
pHEMT process, 0.25µm gate length, via
holes through the substrate and air bridges.
It is available in chip form.
Main Features
State
2.7GHz
3GHz
3.4GHz
Peak Phase Error vs State @ 2.7, 3, 3.4GHz
(on wafer measurements)
■ Operating frequency range: 2.7-3.4GHz
■ 6-bit phase shifter
■ 5.625° phase step
■ 10dB gain
■ 0/+3.3V phase shifter control voltage
■ 13dBm output @ 1dB comp.
■ Chip size: 3.14x3.29x0.1mm
Main Characteristics
Tamb= +25°C, V+= +5V, V-= -5V
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
2.7
3.4
GHz
Gain
Small signal gain (state 0)
9
10
dB
RMS_PPE
RMS Peak Phase Error
1
deg
ESD Protections: Electrostatic discharge sensitive device observe handling precautions!


Similar Part No. - CHP1102-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
More results

Similar Description - CHP1102-98F_15

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP1102-QGG UMS-CHP1102-QGG Datasheet
1Mb / 16P
   S-Band 6-bit Phase Shifter
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP4012-QEG UMS-CHP4012-QEG_15 Datasheet
447Kb / 12P
   S-Band 6-bit Digital Phase Shifter
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
CHP3010A98F UMS-CHP3010A98F_15 Datasheet
887Kb / 12P
   L-Band 6-Bit Digital Phase Shifter
CHP3015-99F UMS-CHP3015-99F_15 Datasheet
936Kb / 16P
   X-Band 6-Bit Digital Phase Shifter
CHP2085 UMS-CHP2085 Datasheet
89Kb / 6P
   S-band Phase Shifter / Switch
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
Tyco Electronics
MAPCGM0003 MACOM-MAPCGM0003 Datasheet
236Kb / 7P
   S-Band Phase Shifter 2.3-4.1 GHz
logo
United Monolithic Semic...
CHP4014-QEG UMS-CHP4014-QEG Datasheet
579Kb / 10P
   5-6GHz 6-bit Phase-Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com